データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU1706A データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BU1706A
部品情報  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU1706A データシート(HTML) 5 Page - NXP Semiconductors

  BU1706A Datasheet HTML 1Page - NXP Semiconductors BU1706A Datasheet HTML 2Page - NXP Semiconductors BU1706A Datasheet HTML 3Page - NXP Semiconductors BU1706A Datasheet HTML 4Page - NXP Semiconductors BU1706A Datasheet HTML 5Page - NXP Semiconductors BU1706A Datasheet HTML 6Page - NXP Semiconductors BU1706A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1706A
Fig.15. Forward bias safe operating area. T
mb = 25 ˚C
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of the
envelope.
Fig.16. Reverse bias safe operating area. T
j ≤ Tjmax
IC / A
VCE / V
0.01
0.1
1
10
1
10
100
1000
tp =
100 us
1 ms
10 ms
DC
CDC
I
CM
I
tot
P
6
5
4
3
2
1
0
0
400
800
1200
1600
2000
IC / A
BU1706A
VCE / V
September 1997
5
Rev 1.000


同様の部品番号 - BU1706A

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BU1706A ISC-BU1706A Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU1706AX PHILIPS-BU1706AX Datasheet
78Kb / 7P
   Silicon Diffused Power Transistor
April 1994 Rev 1.000
logo
Inchange Semiconductor ...
BU1706AX ISC-BU1706AX Datasheet
98Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU1706AX SAVANTIC-BU1706AX Datasheet
204Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - BU1706A

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com