データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2508AF データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BU2508AF
部品情報  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2508AF データシート(HTML) 4 Page - NXP Semiconductors

  BU2508AF Datasheet HTML 1Page - NXP Semiconductors BU2508AF Datasheet HTML 2Page - NXP Semiconductors BU2508AF Datasheet HTML 3Page - NXP Semiconductors BU2508AF Datasheet HTML 4Page - NXP Semiconductors BU2508AF Datasheet HTML 5Page - NXP Semiconductors BU2508AF Datasheet HTML 6Page - NXP Semiconductors BU2508AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2508AF
Fig.7. Typical base-emitter saturation voltage.
V
BEsat = f (IC); parameter IC/IB
Fig.8. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.9. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.10. Typical collector-emitter saturation voltage.
V
CEsat = f (IB); parameter IC
Fig.11. Typical turn-off losses. T
j = 85˚C
Eoff = f (I
B); parameter IC; f = 16 kHz
Fig.12. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); parameter IC; Tj = 85˚C; f = 16 kHz
0.1
1
10
IC / A
VBESAT / V
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
Tj = 25 C
Tj = 125 C
3
4
5
IC/IB=
0.1
1
10
IB / A
VCESAT / V
10
1
0.1
Tj = 25 C
Tj = 125 C
3A
4.5A
6A
IC=2A
0.1
1
10
IC / A
VCESAT / V
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Tj = 25 C
Tj = 125 C
5
4
3
IC/IB=
0.1
1
10
IB / A
Eoff / uJ
1000
100
10
3.5A
IC = 4.5A
0
1
2
3
4
IB / A
VBESAT / V
1.2
1.1
1
0.9
0.8
0.7
0.6
6A
4.5A
3A
2A
Tj = 25 C
Tj = 125 C
IC=
0.1
1
10
IB / A
ts, tf / us
12
11
10
9
8
7
6
5
4
3
2
1
0
IC =
3.5A
4.5A
tf
ts
September 1997
4
Rev 1.500


同様の部品番号 - BU2508AF

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
BU2508AF WINGS-BU2508AF Datasheet
76Kb / 1P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
Inchange Semiconductor ...
BU2508AF ISC-BU2508AF Datasheet
155Kb / 3P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2508AF SAVANTIC-BU2508AF Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BU2508AF COMSET-BU2508AF Datasheet
72Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BU2508AF SAVANTIC-BU2508AF Datasheet
118Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - BU2508AF

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com