データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2522 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BU2522
部品情報  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2522 データシート(HTML) 5 Page - NXP Semiconductors

  BU2522 Datasheet HTML 1Page - NXP Semiconductors BU2522 Datasheet HTML 2Page - NXP Semiconductors BU2522 Datasheet HTML 3Page - NXP Semiconductors BU2522 Datasheet HTML 4Page - NXP Semiconductors BU2522 Datasheet HTML 5Page - NXP Semiconductors BU2522 Datasheet HTML 6Page - NXP Semiconductors BU2522 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522A
Fig.15. Forward bias safe operating area. T
mb = 25 ˚C
I
CDC & ICM = f(VCE); ICM single pulse; parameter tp
Second-breakdown limits independant of temperature.
Fig.16. Reverse bias safe operating area. T
j ≤ Tjmax
BU2520A
IC / A
100
10
1
0.1
0.01
1
10
100
1000
VCE / V
ICM
ICDC
Ptot
100 us
1 ms
10 ms
DC
30 us
tp =
= 0.01
BU2522AF
0
30
20
10
0
500
1000
1500
VCE / V
IC / A
November 1995
5
Rev 1.100


同様の部品番号 - BU2522

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BU2522 PHILIPS-BU2522 Datasheet
73Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 2.300
logo
Savantic, Inc.
BU2522A SAVANTIC-BU2522A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU2522A ISC-BU2522A Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2522A SAVANTIC-BU2522A Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
NXP Semiconductors
BU2522AF PHILIPS-BU2522AF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.400
More results

同様の説明 - BU2522

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com