データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12149 データシート(PDF) 1 Page - Freescale Semiconductor, Inc

部品番号 MC12149
部品情報  LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12149 データシート(HTML) 1 Page - Freescale Semiconductor, Inc

  MC12149 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC12149
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER
VOLTAGE CONTROLLED
OSCILLATOR BUFFER
Order this document by MC12149/D
8
1
Q2
VCC
7
2
Q
CNTL
6
3
GND
TANK
5
4
QB
VREF
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC12149D
TA = –40 to 85°C
SO–8
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
(Top View)
PIN CONNECTIONS
1
MOTOROLA RF/IF DEVICE DATA
Low Power
Voltage Controlled Oscillator
Buffer
The MC12149 is intended for applications requiring high frequency signal
generation up to 1300 MHz. An external tank circuit is used to determine the
desired frequency of operation. The VCO is realized using an
emitter–coupled pair topology. The MC12149 can be used with an integrated
PLL IC such as the MC12202 1.1 GHz Frequency Synthesizer to realize a
complete PLL sub–system. The device is specified to operate over a voltage
supply range of 2.7 to 5.5 V. It has a typical current consumption of 15 mA at
3.0 V which makes it attractive for battery operated handheld systems.
NOTE: The MC12149 is NOT suitable as a crystal oscillator.
Operates Up to 1.3 GHz
Space–Efficient 8–Pin SOIC or SSOP Package
Low Power 15 mA Typical @ 3.0 V Operation
Supply Voltage of 2.7 to 5.5 V
Typical 900 MHz Performance
– Phase Noise –105 dBc/Hz @ 100 kHz Offset
– Tuning Voltage Sensitivity of 20 MHz/V
Output Amplitude Adjustment Capability
Two High Drive Outputs With a Typical Range from –8.0 to –2.0 dBm
One Low–Drive Output for Interfacing to a Prescaler
The device has three high frequency outputs which make it attractive for
transceiver applications which require both a transmit and receive local
oscillator (LO) signal as well as a lower amplitude signal to drive the
prescaler input of the frequency synthesizer. The outputs Q and QB are
available for servicing the receiver IF and transmitter up–converter
single–ended. In receiver applications, the outputs can be used together if it
is necessary to generate a differential signal for the receiver IF. Because the
Q and QB outputs are open collector, terminations to the VCC supply are
required for proper operation. Since the outputs are complementary, BOTH
outputs must be terminated even if only one is needed. The Q and QB
outputs have a nominal drive level of –8dBm to conserve power. If addition
signal amplitude is needed, a level adjustment pin (CNTL) is available, which
when tied to ground, boosts the nominal output levels to –2.0 dBm. A low
power VCO output (Q2) is also provided to drive the prescaler input of the
PLL. The amplitude of this signal is nominally 500 mV which is suitable for
most prescalers.
External components required for the MC12149 are: (1) tank circuit (LC
network); (2) Inductor/capacitor to provide the termination for the open
collector outputs; and (3) adequate supply voltage bypassing. The tank
circuit consists of a high–Q inductor and varactor components. The
preferred tank configuration allows the user to tune the VCO across the full
supply range. VCO performance such as center frequency, tuning voltage
sensitivity, and noise characteristics are dependent on the particular
components and configuration of the VCO tank circuit.
© Motorola, Inc. 1998
Rev 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC12149

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
MC12149D MOTOROLA-MC12149D Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149D LANSDALE-MC12149D Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

同様の説明 - MC12149

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com