データシートサーチシステム |
|
LC4256V-5F256AC データシート(PDF) 1 Page - Lattice Semiconductor |
|
LC4256V-5F256AC データシート(HTML) 1 Page - Lattice Semiconductor |
1 / 74 page www.latticesemi.com 1 ispm4k_15z ispMACH 4000V/B/C/Z Family 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs July 2003 Data Sheet TM TM © 2003 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. NEW! Industry’s Lo west Power CPLDs! ispMACH 4000 Z Features ■ High Performance •fMAX = 400MHz maximum operating frequency •tPD = 2.5ns propagation delay • Up to four global clock pins with programmable clock polarity control • Up to 80 PTs per output ■ Ease of Design • Enhanced macrocells with individual clock, reset, preset and clock enable controls • Up to four global OE controls • Individual local OE control per I/O pin • Excellent First-Time-Fit TM and refit •Fast path, SpeedLocking TM Path, and wide-PT path • Wide input gating (36 input logic blocks) for fast counters, state machines and address decoders ■ Zero Power (ispMACH 4000Z) and Low Power (ispMACH 4000V/B/C) •Typical static current 10µA (4032Z) •Typical static current 1.8mA (4000C) • 1.8V core low dynamic power ■ Broad Device Offering • Multiple temperature range support – Commercial: 0 to 90°C junction (Tj) – Industrial: -40 to 105°C junction (Tj) – Automotive: -40 to 130°C junction (Tj) ■ Easy System Integration • Operation with 3.3V, 2.5V or 1.8V LVCMOS I/O • Operation with 3.3V (4000V), 2.5V (4000B) or 1.8V (4000C/Z) supplies • 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI interfaces • Hot-socketing • Open-drain capability • Input pull-up, pull-down or bus-keeper • Programmable output slew rate • 3.3V PCI compatible • IEEE 1149.1 boundary scan testable • 3.3V/2.5V/1.8V In-System Programmable (ISP™) using IEEE 1532 compliant interface • I/O pins with fast setup path Table 1. ispMACH 4000V/B/C Family Selection Guide Note: ispMACH 4032Z information is preliminary. ispMACH 4064Z/4128Z information is advance. ispMACH 4032V/B/C ispMACH 4064V/B/C ispMACH 4128V/B/C ispMACH 4256V/B/C ispMACH 4384V/B/C ispMACH 4512V/B/C Macrocells 32 64 128 256 384 512 User I/O Options 30/32 30/32/64 64/92/96 64/96/128/160 128/192 128/208 tPD (ns) 2.5 2.5 2.7 3.0 3.5 3.5 tS (ns) 1.8 1.8 1.8 2.0 2.0 2.0 tCO (ns) 2.2 2.2 2.7 2.7 2.7 2.7 fMAX (MHz) 400 400 333 322 322 322 Supply Voltages (V) 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V Pins/Package 44 TQFP 48 TQFP 44 TQFP 48 TQFP 100 TQFP 100 TQFP 128 TQFP 144 TQFP 1 100 TQFP 144 TQFP 1 176 TQFP 256 fpBGA 2 176 TQFP 256 fpBGA 176 TQFP 256 fpBGA 1. 3.3V (4000V) only. 2. 128-I/O and 160-I/O configurations. |
同様の部品番号 - LC4256V-5F256AC |
|
同様の説明 - LC4256V-5F256AC |