データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP105 データシート(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 TMP105
部品情報  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP105 データシート(HTML) 3 Page - Burr-Brown (TI)

  TMP105 Datasheet HTML 1Page - Burr-Brown (TI) TMP105 Datasheet HTML 2Page - Burr-Brown (TI) TMP105 Datasheet HTML 3Page - Burr-Brown (TI) TMP105 Datasheet HTML 4Page - Burr-Brown (TI) TMP105 Datasheet HTML 5Page - Burr-Brown (TI) TMP105 Datasheet HTML 6Page - Burr-Brown (TI) TMP105 Datasheet HTML 7Page - Burr-Brown (TI) TMP105 Datasheet HTML 8Page - Burr-Brown (TI) TMP105 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TMP105
SLLS648B − FEBRUARY 2005 − REVISED JANUARY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C, and V+ = 2.6V to 3.3V, unless otherwise noted.
PARAMETER
CONDITION
TMP105
UNITS
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (Temperature Error)
−25
°C to +85°C
±0.5
±2.0
°C
−40
°C to +125°C
±1.0
±3.0
°C
vs Supply
0.2
±0.5
°C/V
Resolution(1)
Selectable
0.0625
°C
DIGITAL INPUT/OUTPUT
Input Capacitance
3
pF
Input Logic Levels:
VIH
1.2
6.0
V
VIL
−0.5
0.6
V
Leakage Input Current, IIN
0V
≤ VIN ≤ 6V
1
µA
Input Voltage Hysteresis
SCL and SDA Pins
100
mV
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
Conversion Time
9-Bit
27.5
37.5
ms
10-Bit
55
75
ms
11-Bit
110
150
ms
12-Bit
220
300
ms
Timeout Time
25
54
74
ms
POWER SUPPLY
Operating Range
2.6
3.3
V
Quiescent Current
IQ
Serial Bus Inactive
50
85
µA
Serial Bus Active, SCL Freq = 400kHz
100
µA
Shutdown Current
ISD
Serial Bus Inactive
1.5
3
µA
Serial Bus Active, SCL Freq = 400kHz
60
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+127
°C
Thermal Resistance
qJA
240
°C/W
(1) Specified for 12-bit resolution.


同様の部品番号 - TMP105

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-12 TRUMPOWER-TMP105-12 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-13 TRUMPOWER-TMP105-13 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-18 TRUMPOWER-TMP105-18 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
More results

同様の説明 - TMP105

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com