データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12429 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC12429
部品情報  HIGH FREQUENCY CLOCK SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12429 データシート(HTML) 4 Page - Motorola, Inc

  MC12429 Datasheet HTML 1Page - Motorola, Inc MC12429 Datasheet HTML 2Page - Motorola, Inc MC12429 Datasheet HTML 3Page - Motorola, Inc MC12429 Datasheet HTML 4Page - Motorola, Inc MC12429 Datasheet HTML 5Page - Motorola, Inc MC12429 Datasheet HTML 6Page - Motorola, Inc MC12429 Datasheet HTML 7Page - Motorola, Inc MC12429 Datasheet HTML 8Page - Motorola, Inc MC12429 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC12429
MOTOROLA
TIMING SOLUTIONS
4
9–BIT SR
2–BIT SR
3–BIT SR
DIV 16
Figure 3. MC12429 Block Diagram (28–Lead PLCC Pinout)
16MHz
S_LOAD
P_LOAD
S_DATA
S_CLOCK
XTAL1
XTAL2
OSC
4
5
PHASE
DETECTOR
28
7
9–BIT DIV M
COUNTER
LATCH
VCO
DIV N
(1, 2, 4, 8)
LATCH
200–400
MHz
FOUT
FOUT
+3.3 or 5.0V
25
24
23
VCC0
LATCH
TEST
20
+3.3 or 5.0V
PLL_VCC
1MHz
FREF
01
27
26
01
VCC1
+3.3 or 5.0V
M[8:0]
9
8
16
N[1:0]
2
17, 18
21
22, 19
OE
6
PROGRAMMING INTERFACE
Programming the device amounts to properly configuring
the internal dividers to produce the desired frequency at the
outputs. The output frequency can by represented by this
formula:
FOUT = (FXTAL ÷ 16) x M ÷ N
(1)
Where FXTAL is the crystal frequency, M is the loop divider
modulus, and N is the output divider modulus. Note that it is
possible to select values of M such that the PLL is unable to
achieve loop lock. To avoid this, always make sure that M is
selected to be 200
≤ M ≤ 400 for a 16MHz input reference.
Assuming that a 16MHz reference frequency is used the
above equation reduces to:
FOUT = M
÷ N
Substituting the four values for N (1, 2, 4, 8) yields:
TABLE A: Output Frequency Range
N
FOUT
OUTPUT FREQUENCY RANGE
1
2
4
8
M
M / 2
M / 4
M / 8
200 – 400 MHZ
100 – 200 MHZ
50 – 100 MHZ
25 – 50 MHZ
From these ranges the user will establish the value of N
required, then the value of M can be calculated based on the
appropriate equation above. For example if an output
frequency of 131MHz was desired the following steps would
be taken to identify the appropriate M and N values. 131MHz
falls within the frequency range set by an N value of 2 so N
[1:0] = 01. For N = 2 FOUT = M
÷ 2 and M = 2 x FOUT.
Therefore M = 131 x 2 = 262, so M[8:0] = 100000110.
Following this same procedure a user can generate any
whole frequency desired between 25 and 400MHz. Note that
for N > 2 fractional values of FOUT can be realized. The size
of the programmable frequency steps (and thus the indicator
of the fractional output frequencies acheivable) will be equal
to FXTAL
÷ 16 ÷ N.
For input reference frequencies other than 16MHz the set
of appropriate equations can be deduced from equation 1.
For computer applications another useful frequency base
would be 16.666MHz. From this reference one can generate
a family of output frequencies at multiples of the 33.333MHz
PCI clock. As an example to generate a 133.333MHz clock
from a 16.666MHz reference the following M and N values
would be used:
FOUT = 16.666
÷ 16 x M ÷ N = 1.0416 x M ÷ N


同様の部品番号 - MC12429

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC1241A ETC-MC1241A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC1241A ETC-MC1241A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

同様の説明 - MC12429

メーカー部品番号データシート部品情報
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
   High Speed Standard Clock Generator With Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com