データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1461S データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SL1461S
部品情報  WIDEBAND PLL FM DEMODULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SL1461S データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SL1461S Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SL1461
4
ABSOLUTE MAXIMUM RATINGS cont.
All voltages are referred to VEE at 0V.
MP16 package thermal resistance
chip to case
41
°C/W
Power consumption at 5.5V
250
mW
ESD protection – pins 1 to 15
2
kV
Mil–std –883 method 3015 class1
ESD protection – pin 16
1.7
kV
Mil–std –883 method 3015 class1
16
116
89
2
4
3
5
6
7
10
11
12
13
14
15
2K
AGC BIAS
AFC WINDOW ADJUST
50K
27K
100nF
47
mF
V
47nF
100nF
BB833
22pF
22pF
5K1
4n7
4K7
1nF
RF INPUT
1nF
47
mF
1K2
120pF
1K2
120pF
Fig.3. Standard application circuit with oscillator referenced to ground
4K7
BB833
CC
VIDEO OUTPUT
16
116
89
2
4
3
5
6
7
10
11
12
13
14
15
2K
AGC BIAS
AFC WINDOW ADJUST
50K
27K
100nF
47
mF
V
47nF
100nF
BB833
5K1
4n7
4K7
1nF
RF INPUT
1nF
47
mF
1K2
1K2
82pF
4K7
BB833
CC
VIDEO OUTPUT
220R
Fig.3a Application circuit used for video drive characterisation measurements
82pF
620R


同様の部品番号 - SL1461S

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
More results

同様の説明 - SL1461S

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
   Wideband PLL FM Demodulator
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
   WIDEBAND PLL FM DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com