データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8498 データシート(PDF) 1 Page - Allegro MicroSystems

部品番号 A8498
部品情報  Wide Input Voltage 3.0 A Step Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8498 データシート(HTML) 1 Page - Allegro MicroSystems

  A8498 Datasheet HTML 1Page - Allegro MicroSystems A8498 Datasheet HTML 2Page - Allegro MicroSystems A8498 Datasheet HTML 3Page - Allegro MicroSystems A8498 Datasheet HTML 4Page - Allegro MicroSystems A8498 Datasheet HTML 5Page - Allegro MicroSystems A8498 Datasheet HTML 6Page - Allegro MicroSystems A8498 Datasheet HTML 7Page - Allegro MicroSystems A8498 Datasheet HTML 8Page - Allegro MicroSystems A8498 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VIN
LX
BOOT
ENB
TSET
GND
VBIAS
FB
+42
V
220 μF
25 V
ESR
VOUT
COUT
3.3 V / 3 A
6.34 k
R1
L1
D1
R2
2 k
0.22 μF
0.01 μF
CBOOT
CIN2
CIN1
RTSET
63.4 k
68 μH
220 μF
50 V
A8498
Efficiency vs. Output Current
70.0
72.0
74.0
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
0
500
1000
1500
2000
2500
3000
IOUT (mA)
VOUT (V)
5
3.3
Circuit for 42 V step down to 3.3 V at 3 A. Efficiency data from circuit shown in left panel. Data is for reference only.
Approximate Scale 1:1
A8498
Description
The A8498 is a step down regulator that will handle a wide
input operating voltage range.
The A8498 is supplied in a low-profile 8-lead SOIC with
exposed pad (package LJ). Applications include:
▪ Applications with 8 to 50 V input voltage range needing
buck regulator for 3.0 A output current
▪ Consumer equipment power
▪ Uninterruptible power supplies (lead acid battery
charger)
▪ Automotive telematics: 9 to 16 V input, with higher
voltage protection
▪ 12 V lighter-powered applications (portable DVD, etc.)
▪ Point of Sale (POS) applications
▪ Industrial applications with 24 or 36 V bus
A8498-DS, Rev. 2
Features and Benefits
▪ 8 to 50 V input range
▪ Integrated DMOS switch
▪ Adjustable fixed off-time
▪ Highly efficient
▪ Adjustable 0.8 to 24 V output
Wide Input Voltage 3.0 A Step Down Regulator
Typical Application
Package: 8-Lead SOIC with exposed
thermal pad (suffix LJ)


同様の部品番号 - A8498

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8499SLJ-T ALLEGRO-A8499SLJ-T Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8499SLJTR-T ALLEGRO-A8499SLJTR-T Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
More results

同様の説明 - A8498

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A8698 ALLEGRO-A8698 Datasheet
616Kb / 12P
   Wide Input Voltage 3.0 A Step Down Regulator
A8697 ALLEGRO-A8697 Datasheet
613Kb / 12P
   Wide Input Voltage 4.0 A Step Down Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
135Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com