データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX023ELT データシート(PDF) 2 Page - Sony Corporation

部品番号 LCX023ELT
部品情報  XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX023ELT データシート(HTML) 2 Page - Sony Corporation

  LCX023ELT Datasheet HTML 1Page - Sony Corporation LCX023ELT Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LCX023ELT/EMT
16.5 mm
38 mm
28.2 mm
25 mm
16.5 mm
16.5 mm
LCX029CNT/CPT,
CRT/CST
LCX038ART/AST
1 21 2 17 19 18 22 16 25 24 29 26 23 27 28
15 30 20
31
14
13
12
11
10
9
8
7
6
5
4
3
COM
pad
Input signal
level shifter
circuit
H shift register (bidirectional scanning)
Side-black control circuit
R
G
B
HSYNC
VSYNC
LCD panel
R
LCD panel
G
LCD panel
B
S/H driver
CXA3512R
S/H driver
CXA3512R
6
ENB, PRG, FRP
PRG, CLP
VST
MCLK/2
DSYNC
Timing pulses
6
S/H driver
CXA3512R
S/H driver
CXA3512R
6
6
S/H driver
CXA3512R
S/H driver
CXA3512R
6
6
Timing generator
CXD3500R
Color shading
correction
CXD3503R
LPF
Signal driver
CXA2111R
PLL
CXA3106AQ
LCX023ELT/EMT
LCX029CNT/CPT,CRT/CST
LCX038ART/AST
LCX023ELT/EMT
LCX029CNT/CPT,CRT/CST
LCX038ART/AST
LCX023ELT/EMT
LCX029CNT/CPT,CRT/CST
LCX038ART/AST
With ML
Product name
No ML
Screen size
Number of dots
Outer dimensions
Dot pitch
Aperture ratio
Optical
transmittance
Light resistance
* Under development
Antidust glass
LCX038*
ART/AST
1.8 cm (0.7-Type)
XGA, high aperture ratio
1,024 (H)
× 768 (V)
(786,000)
25 mm (H)
× 26 mm (V)
14
µm × 14 µm
42%
21%
1,000 ANSI lm
Built in
LCX029*
CRT/CST
CNT/CPT
2.3 cm (0.9-Type)
XGA, high aperture ratio
1,024 (H)
× 768 (V)
(786,000)
28.2 mm (H)
× 30.2 mm (V)
18
µm × 18 µm
54%
26% (With ML)
18% (No ML)
1,500 ANSI lm
Built in
LCX023*
EMT
ELT
3.3 cm (1.3-Type)
XGA, high aperture ratio
1,024 (H)
× 768 (V)
(786,000)
38 mm (H)
× 42 mm (V)
26
µm × 26 µm
67%
30% (With ML)
23% (No ML)
3,000 ANSI lm
Built in
LCX017
DLT
4.6 cm (1.8-Type)
XGA
1,024 (H)
× 768 (V)
(786,000)
50 mm (H)
× 56 mm (V)
36
µm × 36 µm
70%
24%
6,000 ANSI lm
Built in
s Table 1 XGA Panel Specifications Comparison
s Figure 3 System Block Diagram
s Figure 2 Panel Block Diagram
s Figure 1 XGA Panel Dimension Specifications
Comparison


同様の部品番号 - LCX023ELT

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

同様の説明 - LCX023ELT

メーカー部品番号データシート部品情報
logo
Sony Corporation
ACX307AK SONY-ACX307AK Datasheet
31Kb / 2P
   High Transmittance 6.25 cm (2.5-type) Transmissive Color LCD Panels
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
   High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
logo
List of Unclassifed Man...
SLD1332V ETC1-SLD1332V Datasheet
37Kb / 2P
   The Industrys Highest Power 670 nm Band Laser Diode Achieves 500 mW Optical Power Output
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
OmniVision Technologies...
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
logo
List of Unclassifed Man...
ACX310 ETC-ACX310 Datasheet
32Kb / 2P
   High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
logo
ams AG
KW2HML631.TK AMSCO-KW2HML631.TK Datasheet
1Mb / 24P
   The OSLON Black Flat X product family offers LED devices with the highest efficiency in the Osram portfolio.
Version 1.2 2022-02-22
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com