データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVU145 データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 HVU145
部品情報  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVU145 データシート(HTML) 3 Page - Renesas Technology Corp

  HVU145 Datasheet HTML 1Page - Renesas Technology Corp HVU145 Datasheet HTML 2Page - Renesas Technology Corp HVU145 Datasheet HTML 3Page - Renesas Technology Corp HVU145 Datasheet HTML 4Page - Renesas Technology Corp HVU145 Datasheet HTML 5Page - Renesas Technology Corp HVU145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HVU145
Rev.2.00 Dec 07, 2004 page 3 of 5
Main Characteristic
10
0
10
1
10
-1
10
1.0
0.1
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
10
-2
10
-4
10
-6
10
-8
10
-10
10
-12
080
20
60
40
100
10
-9
10
-7
10
-8
10
-10
10
-11
10
-12
10
-13
0.1
10
1.0
Ta = 75
°C
Ta = 25
°C
Ta = –25
°C
Ta = 75
°C
Ta = 50
°C
Ta = 25
°C
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (A)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
10
-4
10
-3
10
-2
10
-1
10
3
10
2
f = 100MHz


同様の部品番号 - HVU145

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HVU145 HITACHI-HVU145 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
More results

同様の説明 - HVU145

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Renesas Technology Corp
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC132 RENESAS-HVC132 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com