データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP20K400 データシート(PDF) 45 Page - Altera Corporation

部品番号 EP20K400
部品情報  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400 データシート(HTML) 45 Page - Altera Corporation

Back Button EP20K400 Datasheet HTML 41Page - Altera Corporation EP20K400 Datasheet HTML 42Page - Altera Corporation EP20K400 Datasheet HTML 43Page - Altera Corporation EP20K400 Datasheet HTML 44Page - Altera Corporation EP20K400 Datasheet HTML 45Page - Altera Corporation EP20K400 Datasheet HTML 46Page - Altera Corporation EP20K400 Datasheet HTML 47Page - Altera Corporation EP20K400 Datasheet HTML 48Page - Altera Corporation EP20K400 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 117 page
background image
Altera Corporation
45
APEX 20K Programmable Logic Device Family Data Sheet
Figure 29. APEX 20KE I/O Banks
Notes to Figure 29:
(1)
For more information on placing I/O pins in LVDS blocks, refer to the Guidelines for
Using LVDS Blocks section in Application Note 120 (Using LVDS in APEX 20KE
Devices).
(2)
If the LVDS input and output blocks are not used for LVDS, they can support all of
the I/O standards and can be used as input, output, or bidirectional pins with
VCCIO set to 3.3 V, 2.5 V, or 1.8 V.
Power Sequencing & Hot Socketing
Because APEX 20K and APEX 20KE devices can be used in a mixed-
voltage environment, they have been designed specifically to tolerate any
possible power-up sequence. Therefore, the VCCIO and VCCINT power
supplies may be powered in any order.
f For more information, please refer to the “Power Sequencing
Considerations” section in the Configuring APEX 20KE & APEX 20KC
Devices chapter of the Configuration Devices Handbook.
Signals can be driven into APEX 20K devices before and during power-up
without damaging the device. In addition, APEX 20K devices do not drive
out during power-up. Once operating conditions are reached and the
device is configured, APEX 20K and APEX 20KE devices operate as
specified by the user.
LVDS/LVPECL
Input
Block (2)
(1)
LVDS/LVPECL
Output
Block (2)
(1)
Regular I/O Blocks Support
LVTTL
LVCMOS
2.5 V
1.8 V
3.3 V PCI
LVPECL
HSTL Class I
GTL+
SSTL-2 Class I and II
SSTL-3 Class I and II
CTT
AGP
Individual
Power Bus
I/O Bank 8
I/O Bank 1
I/O Bank 2
I/O Bank 3
I/O Bank 4
I/O Bank 5
I/O Bank 6
I/O Bank 7


同様の部品番号 - EP20K400

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400 ALTERA-EP20K400 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400 ALTERA-EP20K400 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400 ALTERA-EP20K400 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400 ALTERA-EP20K400 Datasheet
724Kb / 117P
   Programmable Logic Device Family
EP20K400 ALTERA-EP20K400 Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

同様の説明 - EP20K400

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com