データシートサーチシステム |
|
CB1AH-12V データシート(PDF) 1 Page - Nais(Matsushita Electric Works) |
|
CB1AH-12V データシート(HTML) 1 Page - Nais(Matsushita Electric Works) |
1 / 4 page 379 CB-RELAYS HIGH POWER AUTOMOTIVE RELAY 22.0 .866 25.5 1.004 26.5 1.043 mm inch 22.0 .866 25.0 .984 26.0 1.024 FEATURES • 40 A rating at 85 °C 185°F • ISO type terminals • High shock resistance for drop test requirements (2 meters 6.6 feet) • Low temperature rise — all current carrying material is copper. • Quick connect and PC board type SPECIFICATIONS Contact (1) Standard type (12V coil voltage) (2) Standard type (24V coil voltage) *1 All other specifications are the same as those of standard type (12V coil voltage) Arrangement 1 Form A 1 Form C High contact capacity (1 Form A) Rating Nominal switching capacity 40 A 14 V DC N.O.: 40 A 14 V DC N.C.: 30 A 14 V DC 70 A 14 V DC (at 20 °C 68°F) 50 A 14 V DC (at 85 °C 185°F) Max. switching current (at 85 °C 185°F) 40 A 14 V DC N.O.: 40 A 14 V DC N.C.: 30 A 14 V DC 40 A 14 V DC Initial contact resistance, max. 15m Ω Contact material Silver alloy Expected life Mechanical (at 120 cpm) Min. 106 Electrical (at rated load) Flux-resistant type: Min. 105*1 Sealed type: Min. 5 × 104 Arrangement 1 Form A 1 Form C Rating Nominal switching capacity 20 A 28V DC N.O.: 20 A 28 V DC N.C.: 10 A 28 V DC Max. switching current (at 85 °C 185°F) 20 A 28 V DC N.O.: 20 A 28 V DC N.C.: 10 A 28 V DC (3) Heat resistant type (12V, 24V coil voltage) *1 All other specifications are the same as those of standard type (12V coil voltage) Type 12V coil voltage 24V coil voltage Arrangement 1 Form A 1 Form C 1 Form A 1 Form C Rating Nominal switching capacity 35 A 14V DC N.O.: 35 A 14 V DC N.C.: 30 A 14 V DC 20 A 28 V DC N.O.: 20 A 28 V DC N.C.: 10 A 28 V DC Max. switching current (at 85 °C 185°F) 35 A 14 V DC N.O.: 35 A 14 V DC N.C.: 30 A 14 V DC 20 A 28V DC N.O.: 20 A 28 V DC N.C.: 10 A 28 V DC Coil Arrangement Coil voltage Nominal operating power 1 Form A, 1 Form C 12V DC 1.4W 24V DC 1.8W High contact capacity 12V DC 1.8W |
同様の部品番号 - CB1AH-12V |
|
同様の説明 - CB1AH-12V |