データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27W801 データシート(PDF) 5 Page - STMicroelectronics

部品番号 M27W801
部品情報  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 データシート(HTML) 5 Page - STMicroelectronics

  M27W801_06 Datasheet HTML 1Page - STMicroelectronics M27W801_06 Datasheet HTML 2Page - STMicroelectronics M27W801_06 Datasheet HTML 3Page - STMicroelectronics M27W801_06 Datasheet HTML 4Page - STMicroelectronics M27W801_06 Datasheet HTML 5Page - STMicroelectronics M27W801_06 Datasheet HTML 6Page - STMicroelectronics M27W801_06 Datasheet HTML 7Page - STMicroelectronics M27W801_06 Datasheet HTML 8Page - STMicroelectronics M27W801_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27W801
Summary description
5/24
1
Summary description
The M27W801 is a low voltage 8 Mbit EPROM offered in the two ranges UV (ultra violet
erase) and OTP (one time programmable). It is ideally suited for microprocessor systems
requiring large data or program storage and is organized as 1,048,576 by 8 bits.
The M27W801 operates in the read mode with a supply voltage as low as 2.7V at –40 to
85°C temperature range. The decrease in operating power allows either a reduction of the
size of the battery or an increase in the time between battery recharges.
The FDIP32W (window ceramic frit-seal package) has a transparent lids which allow the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27W801 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27W801 in ECOPACK®
packages.
ECOPACK packages are Lead-free. The category of second Level Interconnect is marked
on the package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A19
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
GVPP
Output Enable / Program Supply
VCC
Supply Voltage
VSS
Ground
AI02363
20
A0-A19
Q0-Q7
VCC
M27W801
VSS
8
GVPP
E


同様の部品番号 - M27W801_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100F6TR STMICROELECTRONICS-M27W801-100F6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100K6TR STMICROELECTRONICS-M27W801-100K6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-100N6TR STMICROELECTRONICS-M27W801-100N6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801-120B6TR STMICROELECTRONICS-M27W801-120B6TR Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results

同様の説明 - M27W801_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com