データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C1001-60BTR データシート(PDF) 5 Page - STMicroelectronics

部品番号 M27C1001-60BTR
部品情報  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-60BTR データシート(HTML) 5 Page - STMicroelectronics

  M27C1001-60BTR Datasheet HTML 1Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 2Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 3Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 4Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 5Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 6Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 7Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 8Page - STMicroelectronics M27C1001-60BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27C1001
Summary description
5/24
1
Summary description
The M27C1001 is a 1 Mbit EPROM offered in the two ranges: UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited for microprocessor systems requiring
large programs and is organized as 131,072 words of 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid that enables the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27C1001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27C1001 in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK® specifications are available at: www.st.com.
See Figure 1: Logic Diagram and Table 1: Signal Descriptions for a brief overview of the
signals connected to this device.
Figure 1.
Logic Diagram
AI00710B
17
A0-A16
P
Q0-Q7
VPP
VCC
M27C1001
G
E
VSS
8


同様の部品番号 - M27C1001-60BTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C1001-60B1TR STMICROELECTRONICS-M27C1001-60B1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-60B1X STMICROELECTRONICS-M27C1001-60B1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-60B3TR STMICROELECTRONICS-M27C1001-60B3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-60B3X STMICROELECTRONICS-M27C1001-60B3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-60B6TR STMICROELECTRONICS-M27C1001-60B6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

同様の説明 - M27C1001-60BTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com