データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C1001-45XBTR データシート(PDF) 10 Page - STMicroelectronics

部品番号 M27C1001-45XBTR
部品情報  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45XBTR データシート(HTML) 10 Page - STMicroelectronics

Back Button M27C1001-45XBTR Datasheet HTML 6Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 7Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 8Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 9Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 10Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 11Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 12Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 13Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Device description
M27C1001
10/24
Figure 5.
Programming Flowchart
2.7
Program Inhibit
Programming of multiple M27C1001s in parallel with different data is also easily
accomplished. Except for E, all like inputs including G of the parallel M27C1001 may be
common. A TTL low level pulse applied to a M27C1001's P input, with E low and VPP at
12.75V, will program that M27C1001. A high level E input inhibits the other M27C1001s from
being programmed.
2.8
Program Verify
A verify (read) should be performed on the programmed bits to determine that they were
correctly programmed. The verify is accomplished with E and G at VIL, P at VIH, VPP at
12.75V and VCC at 6.25V.
2.9
Electronic Signature
The Electronic Signature (ES) mode enables the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
ambient temperature range that is required when programming the M27C1001. To activate
the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of
the M27C1001, with VPP = VCC = 5V. Two identifier bytes may then be sequenced from the
device outputs by toggling address line A0 from VIL to VIH. All other address lines must be
held at VIL during Electronic Signature mode.
AI00715C
n = 0
Last
Addr
VERIFY
P = 100
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO


同様の部品番号 - M27C1001-45XBTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C1001-45XB1TR STMICROELECTRONICS-M27C1001-45XB1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB1X STMICROELECTRONICS-M27C1001-45XB1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3TR STMICROELECTRONICS-M27C1001-45XB3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3X STMICROELECTRONICS-M27C1001-45XB3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB6TR STMICROELECTRONICS-M27C1001-45XB6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

同様の説明 - M27C1001-45XBTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com