データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA032D03 データシート(PDF) 6 Page - Texas Instruments

部品番号 TPA032D03
部品情報  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03 データシート(HTML) 6 Page - Texas Instruments

Back Button TPA032D03 Datasheet HTML 2Page - Texas Instruments TPA032D03 Datasheet HTML 3Page - Texas Instruments TPA032D03 Datasheet HTML 4Page - Texas Instruments TPA032D03 Datasheet HTML 5Page - Texas Instruments TPA032D03 Datasheet HTML 6Page - Texas Instruments TPA032D03 Datasheet HTML 7Page - Texas Instruments TPA032D03 Datasheet HTML 8Page - Texas Instruments TPA032D03 Datasheet HTML 9Page - Texas Instruments TPA032D03 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics Class-D amplifier, VDD = PVDD = 12 V, RL = 4 Ω to 8 Ω, TA = 25°C,
See Figure 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power supply rejection ratio
VDD = PVDD = 11 V to 13 V
−40
dB
IDD
Supply current
No output filter connected
25
35
mA
IDD(Mute) Supply current, mute mode
MUTE = 0 V
10
18
mA
IDD(S/D)
Supply current, shutdown mode
SHUTDOWN = 0 V
20
30
µA
|IIH|
High-level input current (MUTE, MODE,
SHUTDOWN)
VIH = 5.25 V
10
µA
|IIL|
Low-level input current (MUTE, MODE,
SHUTDOWN)
VIL = − 0.3 V
10
µA
rDS(on)
Static drain-to-source on-state resistance
(high-side + low-side FETs)
IDD = 0.5 A
720
800
m
rDS(on)
Matching, high-side to high-side, low-side to
low-side, same channel
95%
98%
operating characteristics, Class-D amplifier, VDD = PVDD = 12 V, RL = 4 Ω, TA = 25°C, See Figure 1
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
f = 1 kHz,
THD = 0.5%,
Device soldered on PCB,
See Note 2
10
W
Efficiency
PO = 10 W,
f = 1 kHz
77%
AV
Gain
25
dB
Noise floor
−60
dB
Dynamic range
80
dB
Crosstalk
f = 1 kHz
−50
dB
Frequency response bandwidth, post output filter, − 3 dB
20
20 000
Hz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
10
k
NOTE 2: Output power is thermally limited, TA = 23°C


同様の部品番号 - TPA032D03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03DCA TI-TPA032D03DCA Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA032D03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com