データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA032D03 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPA032D03
部品情報  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03 データシート(HTML) 1 Page - Texas Instruments

  TPA032D03 Datasheet HTML 1Page - Texas Instruments TPA032D03 Datasheet HTML 2Page - Texas Instruments TPA032D03 Datasheet HTML 3Page - Texas Instruments TPA032D03 Datasheet HTML 4Page - Texas Instruments TPA032D03 Datasheet HTML 5Page - Texas Instruments TPA032D03 Datasheet HTML 6Page - Texas Instruments TPA032D03 Datasheet HTML 7Page - Texas Instruments TPA032D03 Datasheet HTML 8Page - Texas Instruments TPA032D03 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Extremely Efficient Class-D Mono
Operation
D Drives Mono Speaker, Plus Stereo
Headphones
D 10-W BTL Output Into 4 Ω From 12 V
D 32-W Peak Music Power
D Fully Specified for 12-V Operation
D Low Shutdown Current
D Class-AB Headphone Amplifier
D Thermally-Enhanced PowerPAD Surface-
Mount Packaging
D Thermal and Under-Voltage Protection
description
The TPA032D03 is a monolithic power IC mono
audio amplifier that operates in extremely efficient
Class-D operation, using the high switching speed
of power DMOS transistors to replicate the analog
input signal through high-frequency switching of
the output stage. This allows the TPA032D03 to
be configured as a bridge-tied load (BTL) amplifier
capable of delivering up to 10 W of continuous
average power into a 4-
Ω load at 0.5% THD+N
from a 12-V power supply in the high-fidelity audio
frequency range (20 Hz to 20 kHz). A BTL
configuration eliminates the need for external
coupling capacitors on the output. Included is a Class-AB headphone amplifier with interface logic to select
between the two modes of operation. Only one amplifier is active at any given time, and the other is in
power-saving sleep mode. Also, a chip-level shutdown control is provided to limit total supply current to 20
µA,
making the device ideal for battery-powered applications.
The output stage is compatible with a range of power supplies from 8 V to 14 V. Protection circuitry is included
to increase device reliability: thermal and under-voltage shutdown, with a status feedback terminal for use when
any error condition is encountered.
The high switching frequency of the TPA032D03 allows the output filter to consist of three small capacitors and
two small inductors per channel. The high switching frequency also allows for good THD+N performance.
The TPA032D03 is offered in the thermally enhanced 48-pin PowerPAD
 TSSOP surface-mount package
(designator DCA).
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
SHUTDOWN
MUTE
MODE
INN
INP
COMP
AGND
VDD
PVDD
OUTP
OUTP
PGND
PGND
OUTN
OUTN
PVDD
HPREG
HPLOUT
HPLIN
AGND
PVDD
VCP
HPDL
CP1
COSC
AGND
AGND
AGND
AGND
AGND
FAULT0
FAULT1
PVDD
NC
NC
PGND
PGND
NC
NC
PVDD
HPVCC
HPROUT
HPRIN
V2P5
PVDD
PGND
HPDR
CP2
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DCA PACKAGE
(TOP VIEW)


同様の部品番号 - TPA032D03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03DCA TI-TPA032D03DCA Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA032D03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com