データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA301 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA301
部品情報  350-mW MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA301 データシート(HTML) 4 Page - Texas Instruments

  TPA301 Datasheet HTML 1Page - Texas Instruments TPA301 Datasheet HTML 2Page - Texas Instruments TPA301 Datasheet HTML 3Page - Texas Instruments TPA301 Datasheet HTML 4Page - Texas Instruments TPA301 Datasheet HTML 5Page - Texas Instruments TPA301 Datasheet HTML 6Page - Texas Instruments TPA301 Datasheet HTML 7Page - Texas Instruments TPA301 Datasheet HTML 8Page - Texas Instruments TPA301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Audio
Input
Bias
Control
VDD
6
5
7
VO+
VDD
1
2
4
BYPASS
IN -
VDD/2
CI
RI
CS
1
µF
CB
0.1
µF
RF
SHUTDOWN
VO-
8
RL = 8 Ω
GND
3
IN+
-
+
-
+
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BYPASS is the tap to the voltage divider for internal mid-supply bias. This terminal should be connected to a
BYPASS
2
I
0.1-µF to 1-µF capacitor when used as an audio amplifier.
GND
7
GND is the ground connection.
IN-
4
I
IN- is the inverting input. IN- is typically used as the audio input terminal.
IN+
3
I
IN+ is the noninverting input. IN+ is typically tied to the BYPASS terminal.
SHUTDOWN
1
I
SHUTDOWN places the entire device in shutdown mode when held high (IDD~ 0.15 µA).
VDD
6
VDD is the supply voltage terminal.
VO+
5
O
VO+ is the positive BTL output.
VO-
8
O
VO- is the negative BTL output.
Figure 1. Test Circuit
4


同様の部品番号 - TPA301

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301D TI-TPA301D Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA301

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com