データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA302D データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA302D
部品情報  300-mW STEREO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA302D データシート(HTML) 3 Page - Texas Instruments

  TPA302D Datasheet HTML 1Page - Texas Instruments TPA302D Datasheet HTML 2Page - Texas Instruments TPA302D Datasheet HTML 3Page - Texas Instruments TPA302D Datasheet HTML 4Page - Texas Instruments TPA302D Datasheet HTML 5Page - Texas Instruments TPA302D Datasheet HTML 6Page - Texas Instruments TPA302D Datasheet HTML 7Page - Texas Instruments TPA302D Datasheet HTML 8Page - Texas Instruments TPA302D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
AC OPERATING CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
AC OPERATING CHARACTERISTICS
TPA302
SLOS174C – JANUARY 1997 – REVISED JUNE 2004
V
DD = 3.3 V, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
THD < 0.08%
100
THD < 1%
125
Gain = –1,
PO
Output power
mW
f = 1 kHz
THD < 0.08%,
RL = 32 Ω
25
THD < 1%,
RL = 32 Ω
35
BOM
Maximum output power bandwidth
Gain = 10,
1% THD
20
kHz
B1
Unity gain bandwidth
Open loop
1.5
MHz
Channel separation
f = 1 kHz
75
dB
Supply ripple rejection ratio
f = 1 kHz
45
dB
Vn
Noise output voltage
Gain = –1
10
µVrms
at specified free-air temperature, V
DD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
4
10
mA
VOO
Output offset voltage
5
20
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
65
dB
IDD(SD)
Quiescent current in shutdown
0.6
µA
V
DD = 5 V, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP MAX
UNIT
THD < 0.06%
250
THD < 1%
300
Gain = –1,
PO
Output power
mW
f = 1 kHz
THD < 0.06%,
RL = 32 Ω
60
THD < 1%,
RL = 32 Ω
80
BOM
Maximum output power bandwidth
Gain = 10,
1% THD
20
kHz
B1
Unity gain bandwidth
Open loop
1.5
MHz
Channel separation
f = 1 kHz
75
dB
Supply ripple rejection ratio
f = 1 kHz
45
dB
Vn
Noise output voltage
Gain = -1
10
µVrms
3


同様の部品番号 - TPA302D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA302D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com