データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA311DGNG4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA311DGNG4
部品情報  350-mW MONO AUDIO POWER AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA311DGNG4 データシート(HTML) 1 Page - Texas Instruments

  TPA311DGNG4 Datasheet HTML 1Page - Texas Instruments TPA311DGNG4 Datasheet HTML 2Page - Texas Instruments TPA311DGNG4 Datasheet HTML 3Page - Texas Instruments TPA311DGNG4 Datasheet HTML 4Page - Texas Instruments TPA311DGNG4 Datasheet HTML 5Page - Texas Instruments TPA311DGNG4 Datasheet HTML 6Page - Texas Instruments TPA311DGNG4 Datasheet HTML 7Page - Texas Instruments TPA311DGNG4 Datasheet HTML 8Page - Texas Instruments TPA311DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TPA311
350-mW MONO AUDIO POWER AMPLIFIER
SLOS207C – JANUARY 1998 – REVISED MAY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Specified for 3.3-V and 5-V Operation
D Wide Power Supply Compatibility
2.5 V – 5.5 V
D Output Power for RL = 8 Ω
– 350 mW at VDD = 5 V, BTL
– 250 mW at VDD = 5 V, SE
– 250 mW at VDD = 3.3 V, BTL
– 75 mW at VDD = 3.3 V, SE
D Shutdown Control
– IDD = 7 µA at 3.3 V
– IDD = 60 µA at 5 V
D BTL to SE Mode Control
D Integrated Depop Circuitry
D Thermal and Short-Circuit Protection
D Surface Mount Packaging
– SOIC
– PowerPAD
 MSOP
description
The TPA311 is a bridge-tied load (BTL) or
single-ended (SE) audio power amplifier devel-
oped especially for low-voltage applications
where internal speakers and external earphone
operation are required. Operating with a 3.3-V
supply, the TPA311 can deliver 250-mW of
continuous power into a BTL 8-
Ω load at less than 1% THD+N throughout voice band frequencies. Although
this device is characterized out to 20 kHz, its operation was optimized for narrower band applications such as
cellular communications. The BTL configuration eliminates the need for external coupling capacitors on the
output in most applications, which is particularly important for small battery-powered equipment. A unique
feature of the TPA311 is that it allows the amplifier to switch from BTL to SE on the fly when an earphone drive
is required. This eliminates complicated mechanical switching or auxiliary devices just to drive the external load.
This device features a shutdown mode for power-sensitive applications with special depop circuitry to virtually
eliminate speaker noise when exiting shutdown mode and during power cycling. The TPA311 is available in an
8-pin SOIC surface-mount package and the surface-mount PowerPAD MSOP, which reduces board space by
50% and height by 40%.
Audio
Input
Bias
Control
350 mW
6
5
7
VO+
VDD
3
1
2
4
BYPASS
IN
SE/BTL
VDD/2
CI
RI
CS
CBF
RF
SHUTDOWN
From HP Jack
VO–8
GND
From System Control
CC
+
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1998 – 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
SE/BTL
IN
VO
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


同様の部品番号 - TPA311DGNG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA311DGN TI-TPA311DGN Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA311DGNG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com