データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6111A2DGN データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6111A2DGN
部品情報  150-mW STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6111A2DGN データシート(HTML) 1 Page - Texas Instruments

  TPA6111A2DGN Datasheet HTML 1Page - Texas Instruments TPA6111A2DGN Datasheet HTML 2Page - Texas Instruments TPA6111A2DGN Datasheet HTML 3Page - Texas Instruments TPA6111A2DGN Datasheet HTML 4Page - Texas Instruments TPA6111A2DGN Datasheet HTML 5Page - Texas Instruments TPA6111A2DGN Datasheet HTML 6Page - Texas Instruments TPA6111A2DGN Datasheet HTML 7Page - Texas Instruments TPA6111A2DGN Datasheet HTML 8Page - Texas Instruments TPA6111A2DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
8
7
6
5
VO1
IN1−
BYPASS
GND
VDD
VO2
IN2−
SHUTDOWN
D OR DGN PACKAGE
(TOP VIEW)
TYPICAL APPLICATION CIRCUIT
Audio
Input
Bias
Control
8
1
7
4
VO1
VO2
VDD
5
2
3
6
IN 1−
BYPASS
SHUTDOWN
VDD/2
CI
RI
RF
C(BYP)
C(S)
Audio
Input
CI
RI
IN 2−
RF
VDD
From Shutdown
Control Circuit
+
+
C(C)
C(C)
TPA6111A2
SLOS313B – DECEMBER 2000 – REVISED JUNE 2004
150-mW STEREO AUDIO POWER AMPLIFIER
150-mW Stereo Output
The TPA6111A2 is a stereo audio power amplifier
packaged in either an 8-pin SOIC or an 8-pin
PC Power Supply Compatible
PowerPAD™ MSOP package capable of delivering
– Fully Specified for 3.3-V and
150 mW of continuous RMS power per channel into
5-V Operation
16-
Ω loads. Amplifier gain is externally configured by
– Operation to 2.5 V
means of two resistors per input channel and does
not require external compensation for settings of 0 to
Pop Reduction Circuitry
20 dB.
Internal Midrail Generation
THD+N, when driving a 16-
Ω load from 5 V, is 0.03%
Thermal and Short-Circuit Protection
at 1 kHz, and less than 1% across the audio band of
Surface-Mount Packaging
20 Hz to 20 kHz. For 32-
Ω loads, the THD+N is
– PowerPAD™ MSOP
reduced to less than 0.02% at 1 kHz, and is less than
1% across the audio band of 20 Hz to 20 kHz. For
– SOIC
10-k
Ω loads, the THD+N performance is 0.005% at 1
Pin Compatible With TPA122, LM4880, and
kHz, and less than 0.5% across the audio band of 20
LM4881 (SOIC)
Hz to 20 kHz.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA6111A2DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6111A2DGN TI-TPA6111A2DGN Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGN TI1-TPA6111A2DGN Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2DGNG4 TI1-TPA6111A2DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2DGNR TI1-TPA6111A2DGNR Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2DGNRG4 TI1-TPA6111A2DGNRG4 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
More results

同様の説明 - TPA6111A2DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com