データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6130A2RTJ データシート(PDF) 1 Page - Texas Instruments

部品番号 TPA6130A2RTJ
部品情報  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2RTJ データシート(HTML) 1 Page - Texas Instruments

  TPA6130A2RTJ Datasheet HTML 1Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 2Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RTJ
YZH
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
SIMPLIFIED APPLICATION DIAGRAM
RIGHTINP
RIGHTINM
LEFTINP
LEFTINM
CPP CPN
CPVSS
VDD
VDD
HPLEFT
HPRIGHT
SDA
SCL
SD
GND
GND
GPIO
I C
2
AudioSource
LeftOutM
LeftOutP
RightOutM
RightOutP
TPA6130A2
1 F
m
0.47 F
m
0.47 F
m
0.47 F
m
1 F
m
0.47 F
m
1 F
m
1 F
m
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
138-mW DIRECTPATH™ STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
• DirectPath™ Ground-Referenced Outputs
• Digital I2C Bus Control
Eliminates Output DC Blocking Capacitors
Per Channel Mute and Enable
Reduces Board Area
Software Shutdown
Reduces Component Height and Cost
Multi-Mode Support: Stereo HP, Dual Mono
HP, and Single-Channel BTL Operation
Full Bass Response Without Attenuation
Amplifier Status
• Power Supply Voltage Range: 2.5 V to 5.5 V
• Space Saving Lead-Free (Pb-Free) Packages
• 64 Step Audio Taper Volume Control
20 Pin, 4 mm x 4 mm QFN
• High Power Supply Rejection Ratio (>100 dB
PSRR)
16 ball, 2 mm x 2 mm WCSP
• Differential Inputs for Maximum Noise
• ESD Protection of 8 kV HBM and IEC Contact
Rejection (68 dB CMRR)
• High-Impedance Outputs When Disabled
• Mobile Phones
• Advanced Pop and Click Suppression
• Portable Media Players
Circuitry
• Notebook Computers
• High Fidelity Applications
The TPA6130A2 is a stereo DirectPath™ headphone amplifier with I2C digital volume control. The TPA6130A2
has minimal quiescent current consumption, with a typical IDD of 4 mA, making it optimal for portable
applications. The I2C control allows maximum flexibility with a 64 step audio taper volume control, channel
independent enables and mutes, and the ability to configure the outputs into stereo, dual mono, or a single
receiver speaker BTL amplifier that drives 300 mW of power into 16
Ω loads.
The TPA6130A2 is a high fidelity amplifier with an SNR of 98 dB. A PSRR greater than 100 dB enables
direct-to-battery connections without compromising the listening experience. The output noise of 9
µVrms
(typical A-weighted) provides a minimal noise background during periods of silence. Configurable differential
inputs and high CMRR allow for maximum noise rejection in the noisy environment of a mobile device.
TPA6130A2 packaging includes a 2 by 2 mm chip-scale package, and a 4 by 4 mm QFN package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DirectPath is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA6130A2RTJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6130A2RTJ TI-TPA6130A2RTJ Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
ATMEL Corporation
TPA6130A2RTJR ATMEL-TPA6130A2RTJR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results

同様の説明 - TPA6130A2RTJ

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com