データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6130A2YZHR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6130A2YZHR
部品情報  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2YZHR データシート(HTML) 4 Page - Texas Instruments

  TPA6130A2YZHR Datasheet HTML 1Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 2Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 3Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 4Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 5Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 6Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 7Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 8Page - Texas Instruments TPA6130A2YZHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
over operating free-air temperature range, T
A = 25°C (unless otherwise noted)
VALUE / UNIT
Supply voltage, VDD
–0.3 V to 6.0 V
RIGHTINx, LEFTINx
–2.7 V to 3.6 V
VI
Input voltage
SD, SCL, SDA
–0.3 V to 7 V
Output continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40
°C to 85°C
TJ
Operating junction temperature range
–40
°C to 125°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
HBM Output Pins
8 kV
ESD Protection
HBM All Other Pins
3.5 kV
IEC Contact ESD Protection(2)
No External Protection
8 kV
V14MLA0603 Varistors Used for External Protection
15 kV
Minimum Load Impedance
12.8
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Tested to IEC 61000-4-2 standards on a TPA6130A2 EVM.
TA ≤ 25°C
DERATING
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
FACTOR(1)(2)
POWER RATING
POWER RATING
RTJ
4100 mW
41 mW/
°C
2250 mW
1640 mW
YZH
970 mW
9.7 mW/
°C
530 mW
390 mW
(1)
Derating factor measured with JEDEC High K board: 1S2P - One signal layer and two plane layers.
(2)
See JEDEC Standard 51-3 for Low-K board, JEDEC Standard 51-7 for High-K board, and JEDEC
Standard 51-12 for using package thermal information. Please see JEDEC document page for
downloadable copies: http://www.jedec.org/download/default.cfm.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
20-pin, 4 mm
× 4 mm QFN
TPA6130A2RTJ(2)
BSG
–40
°C to 85°C
16-ball, 2 mm
× 2 mm WSCP
TPA6130A2YZH
BRU
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RTJ package is only available taped and reeled. To order, add the suffix “R” to the end of the part number for a reel of 3000, or add
the suffix “T” to the end of the part number for a reel of 250 (e.g., TPA6130A2RTJR).
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
VIH
High-level input voltage
SCL, SDA, SD
1.3
V
SCL, SDA
0.6
V
VIL
Low-level input voltage
SD
0.35
V
TA
Operating free-air temperature
–40
85
°C
4


同様の部品番号 - TPA6130A2YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

同様の説明 - TPA6130A2YZHR

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com