データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2000D2PWRG4 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2000D2PWRG4
部品情報  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWRG4 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA2000D2PWRG4 Datasheet HTML 5Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 6Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 7Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 8Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 9Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 10Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 11Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 12Page - Texas Instruments TPA2000D2PWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
ELIMINATING THE OUTPUT FILTER WITH THE TPA2000D2
EFFECT ON AUDIO
TRADITIONAL CLASS-D MODULATION SCHEME
O V
–5 V
+5 V
Current
OUT+
Differential Voltage
Across Load
OUT–
TPA2000D2 MODULATION SCHEME
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
This section focuses on why the user can eliminate the output filter with the TPA2000D2.
The class-D amplifier outputs a pulse-width modulated (PWM) square wave, which is the sum of the switching
waveform and the amplified input audio signal. The human ear acts as a band-pass filter such that only the
frequencies between approximately 20 Hz and 20 kHz are passed. The switching frequency components are
much greater than 20 kHz, so the only signal heard is the amplified input audio signal.
The traditional class-D modulation scheme, which is used in the TPA005Dxx family, has a differential output
where each output is 180 degrees out of phase and changes from ground to the supply voltage, VDD. Therefore,
the differential prefiltered output varies between positive and negative VDD, where filtered 50% duty cycle yields
0 volts across the load. The traditional class-D modulation scheme with voltage and current waveforms is shown
in Figure 12. Note that even at an average of 0 volts across the load (50% duty cycle), the current to the load is
high causing high loss, thus causing a high supply current.
Figure 12. Traditional Class-D Modulation Scheme's Output Voltage and Current Waveforms Into an
Inductive Load With No Input
The TPA2000D2 uses a modulation scheme that still has each output switching from 0 to the supply voltage.
However, OUT+ and OUT- are now in phase with each other with no input. The duty cycle of OUT+ is greater
than 50% and OUT- is less than 50% for positive voltages. The duty cycle of OUT+ is less than 50% and OUT-
is greater than 50% for negative voltages. The voltage across the load sits at 0 volts throughout most of the
switching period greatly reducing the switching current, which reduces any I2R losses in the load.
9
Submit Documentation Feedback


同様の部品番号 - TPA2000D2PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D2PWP TI-TPA2000D2PWP Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2000D2PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com