データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2006D1DRB データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA2006D1DRB
部品情報  1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1DRB データシート(HTML) 9 Page - Texas Instruments

Back Button TPA2006D1DRB Datasheet HTML 5Page - Texas Instruments TPA2006D1DRB Datasheet HTML 6Page - Texas Instruments TPA2006D1DRB Datasheet HTML 7Page - Texas Instruments TPA2006D1DRB Datasheet HTML 8Page - Texas Instruments TPA2006D1DRB Datasheet HTML 9Page - Texas Instruments TPA2006D1DRB Datasheet HTML 10Page - Texas Instruments TPA2006D1DRB Datasheet HTML 11Page - Texas Instruments TPA2006D1DRB Datasheet HTML 12Page - Texas Instruments TPA2006D1DRB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
Advantages of Fully Differential Amplifiers
COMPONENT SELECTION
TPA2006D1
SLOS498 – SEPTEMBER 2006
The TPA2006D1 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VDD/2
regardless of the common-mode voltage at the input. The fully differential TPA2006D1 can still be used with a
single-ended input; however, the TPA2006D1 should be used with differential inputs when in a noisy
environment, like a wireless handset, to ensure maximum noise rejection.
Input-coupling capacitors not required:
– The fully differential amplifier allows the inputs to be biased at voltage other than mid-supply. For example,
if a codec has a mid-supply lower than the mid-supply of the TPA2006D1, the common-mode feedback
circuit will adjust, and the TPA2006D1 outputs will still be biased at mid-supply of the TPA2006D1. The
inputs of the TPA2006D1 can be biased from 0.5 V to VDD – 0.8 V. If the inputs are biased outside of that
range, input-coupling capacitors are required.
Mid-supply bypass capacitor, C(BYPASS), not required:
– The fully differential amplifier does not require a bypass capacitor. This is because any shift in the
midsupply affects both positive and negative channels equally and cancels at the differential output.
Better RF-immunity:
– GSM handsets save power by turning on and shutting off the RF transmitter at a rate of 217 Hz. The
transmitted signal is picked-up on input and output traces. The fully differential amplifier cancels the signal
much better than the typical audio amplifier.
Figure 21 shows the TPA2006D1 typical schematic with differential inputs and Figure 22 shows the TPA2006D1
with differential inputs and input capacitors, and Figure 23 shows the TPA2006D1 with single-ended inputs.
Differential inputs should be used whenever possible because the single-ended inputs are much more
susceptible to noise.
Table 1. Typical Component Values
REF DES
VALUE
EIA SIZE
MANUFACTURER
PART NUMBER
RI
150 k
Ω (±0.5%)
0402
Panasonic
ERJ2RHD154V
CS
1
µF (+22%, -80%)
0402
Murata
GRP155F50J105Z
CI(1)
3.3 nF (
±10%)
0201
Murata
GRP033B10J332K
(1)
CI is only needed for single-ended input or if VICM is not between 0.5 V and VDD– 0.8 V. CI = 3.3 nF
(with RI = 150 kΩ) gives a high-pass corner frequency of 321 Hz.
9
Submit Documentation Feedback


同様の部品番号 - TPA2006D1DRB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1DRBR TI1-TPA2006D1DRBR Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBRG4 TI1-TPA2006D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBT TI1-TPA2006D1DRBT Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBTG4 TI1-TPA2006D1DRBTG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2006D1DRB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com