データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2006D1DRBR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2006D1DRBR
部品情報  1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1DRBR データシート(HTML) 6 Page - Texas Instruments

Back Button TPA2006D1DRBR Datasheet HTML 2Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 3Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 4Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 9Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
V
DD
L
=2.5V,
R =8
,33 H
W
m
Class-AB,
V
=5V,
R =8
DD
L
W
P
-OutputPower-W
O
V
DD
L
=5V,
R =8
,33 H
W
m
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
P
O -OutputPower-W
V
=2.5V,
R =8
,33 H
DD
L
W
m
V
=3.6V,
R =8
,33 H
DD
L
W
m
V
=5V,
R =8
,33 H
DD
L
W
m
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
P
O -OutputPower-W
Class-AB, V
=5V,R =8
DD
L
W
Class-AB,
V
=3.6V,
R =8
DD
L
W
V
=3.6V,
R =8
,33 H
DD
L
W
m
V
=5V,
R =8
,33 H
DD
L
W
m
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
Shutdown Voltage − V
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
8
12
16
20
24
28
32
V
DD
=5V
V
=3.6V
DD
V
=2.5V
DD
R -LoadResistance-
L
W
f=1kHz
THD+N=10%
Gain=2V/V
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
V
− V
DD − SupplyVoltage
NoLoad
R =8
,33 H
L
W
m
2.5
3
3.5
4
4.5
5
V
-SupplyV
DD
oltage-V
R =8
f=1kHz
L
W
Gain=2V/V
THD+N=1%
THD+N=10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
20
0.1
1
0.001
0.01
1k
10k
PowerOutput − W
0.1k
R
=8
f=1kHz
L
W
2.5V
3.6V
5V
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
12
16
20
28
R -LoadResistance-
L
W
32
24
f=1kHz
THD+N=1%
Gain=2V/V
V
=2.5V
DD
V
=3.6V
DD
V
DD
=5V
TPA2006D1
SLOS498 – SEPTEMBER 2006
EFFICIENCY
POWER DISSIPATION
SUPPLY CURRENT
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
QUIESCENT CURRENT
SUPPLY CURRENT
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
LOAD RESISTANCE
Figure 4.
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION +
OUTPUT POWER
OUTPUT POWER
NOISE
vs
vs
vs
LOAD RESISTANCE
SUPPLY VOLTAGE
OUTPUT POWER
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback


同様の部品番号 - TPA2006D1DRBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1DRBR TI1-TPA2006D1DRBR Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBRG4 TI1-TPA2006D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2006D1DRBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com