データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2008D2PWPR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2008D2PWPR
部品情報  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2008D2PWPR データシート(HTML) 4 Page - Texas Instruments

  TPA2008D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2008D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
SHUTDOWN
PVDD
RINN
RINP
VOLUME
COSC
ROSC
BYPASS
LINP
LINN
VDD
VDD
AGND
Gain
Adj.
Gain
Adj.
Gate
Drive
Gate
Drive
ROUTN
PGND
PVDD
ROUTP
PGND
Short
Circuit
Protection
Startup
Protection
Logic
Short
Circuit
Protection
Thermal
VDD
PVDD
LOUTP
PGND
PVDD
LOUTN
PGND
Gate
Drive
Gate
Drive
Biases
and
References
Ramp
Generator
Volume
Control
Gain
Adj.
Gain
Adj.
ABSOLUTE MAXIMUM RATINGS
TPA2008D2
SLOS413C – JULY 2003 – REVISED MAY 2004
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range unless otherwise noted (1)
UNIT
VDD,PVDD
Supply voltage range
-0.3 V to 6 V
VI (RINN, RINP, LINN,
Input voltage range
0 V to VDD
LINP, VOLUME)
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
-40
°C to 85°C
TJ
Operating junction temperature range
-40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4


同様の部品番号 - TPA2008D2PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2 Datasheet
229Kb / 26P
[Old version datasheet]   FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER EVALUATION MODULE
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TPA2008D2PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
[Old version datasheet]   3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com