データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2008D2PWPRG4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2008D2PWPRG4
部品情報  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2008D2PWPRG4 データシート(HTML) 1 Page - Texas Instruments

  TPA2008D2PWPRG4 Datasheet HTML 1Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA2008D2PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
PO − Output Power − W
0.01
0.1
1
4
20
0.01
0.1
1
10
f = 20 kHz
f = 1 kHz
f = 20 Hz
VDD = 5 V
RL = 3 Ω
Gain = 0 dB
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
8
Ω Speaker
4
Ω Speaker
3
Ω Speaker
VDD = 5 V
No Filter
PO − Output Power − W
EFFICIENCY
vs
OUTPUT POWER
TPA2008D2
SLOS413C – JULY 2003 – REVISED MAY 2004
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
3 W Per Channel into 3-
Ω Speakers
The TPA2008D2 is a third generation 5-V class-D
(THD+N = 10%)
amplifier from Texas Instruments. Improvements to
previous generation devices include: dc volume con-
– < 0.045% THD at 1.5 W, 1 kHz, 3-
Ω Load
trol, lower supply current, lower noise floor, higher
DC Volume Control With 2-dB Steps From
efficiency, smaller packaging, and fewer external
-38 dB to 20 dB
components. Most notably, a new filter-free class-D
Filter Free Modulation Scheme Operates
modulation technique allows the TPA2008D2 to di-
Without a Large and Expensive LC Output
rectly drive the speakers, without needing a low-pass
output filter consisting of two inductors and three
Filter
capacitors per channel. Eliminating this output filter
Extremely Efficient Third Generation 5-V
saves approximately 30% in system cost and 75% in
Class-D Technology
PCB area.
– Low Supply Current, 7 mA
The improvements and functionality make this device
– Low Shutdown Control, 1 µA
ideal for LCD projectors, LCD monitors, powered
– Low Noise Floor, -80 dBV
speakers, and other applications that demand more
battery life, reduced board space, and functionality
– Maximum Efficiency into 3
Ω, 78%
that surpasses currently available class-D devices.
– Maximum Efficiency into 8
Ω, 88%
A chip-level shutdown control limits total supply
– PSRR, -70 dB
current to 1 µA, making the device ideal for bat-
Integrated Depop Circuitry
tery-powered applications. Protection circuitry in-
Operating Temperature Range, -40
°C to 85°C
creases device reliability: thermal and short circuit.
Undervoltage shutdown saves battery power for more
Space-Saving, Surface Mount PowerPAD™
essential devices when battery voltage drops to low
Package
levels.
The TPA2008D2 is available in a 24-pin TSSOP
PowerPAD™package.
LCD Projectors
LCD Monitors
Powered Speakers
Battery Operated and Space Constrained
Systems
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA2008D2PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2 Datasheet
229Kb / 26P
[Old version datasheet]   FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER EVALUATION MODULE
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TPA2008D2PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
[Old version datasheet]   3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com