データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3001D1PWPR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3001D1PWPR
部品情報  20-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1PWPR データシート(HTML) 11 Page - Texas Instruments

Back Button TPA3001D1PWPR Datasheet HTML 7Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 8Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 9Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 10Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 11Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 12Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 13Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 14Page - Texas Instruments TPA3001D1PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
0.001
0.01
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 12 V
RL = 8 Ω
PO = 5 W
PO = 250 mW
PO = 1 W
0.001
0.01
0.1
1
20
100
1 k
10 k 20 k
VCC = 15 V
RL = 4 Ω
f − Frequency − Hz
PO = 10 W
PO = 2 W
PO = 500 mW
0.001
0.01
0.1
10
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 8 V
RL = 8 Ω
1
PO = 3 W
PO = 250 mW
PO = 1 W
0.001
0.01
0.1
1
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 12 V
RL = 4 Ω
PO = 2 W
PO = 500 mW
PO = 7.5 W
TPA3001D1
SLOS398C – DECEMBER 2002 – REVISED JULY 2006
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
11
Submit Documentation Feedback


同様の部品番号 - TPA3001D1PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3001D1PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com