データシートサーチシステム |
|
LF33CPT-TR データシート(PDF) 6 Page - STMicroelectronics |
|
LF33CPT-TR データシート(HTML) 6 Page - STMicroelectronics |
6 / 46 page Electrical characteristics LF00 series 6/46 Table 4. Electrical characteristics for LF15C (refer to the test circuits, TJ = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 50 mA, VI = 3.5 V 1.47 1.5 1.53 V IO = 50 mA, VI = 3.5 V, Ta = -25 to 85°C 1.44 1.56 VI Operating input voltage IO = 500 mA 2.5 16 V IO Output current limit 1 A ∆VO Line regulation VI = 2.5 to 16 V, IO = 5 mA 2 10 mV ∆VO Load regulation VI = 2.8 V, IO = 5 to 500 mA 2 10 mV Id Quiescent current VI = 2.5 to 16V, IO = 0mA ON MODE 0.5 1 mA VI = 2.8 to 16V, IO=500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 3.5 ± 1 V f = 120 Hz 82 dB f = 1 KHz 77 f = 10 KHz 65 eN Output noise voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout voltage IO = 200 mA 1 V VIL Control input logic low Ta = -40 to 125°C 0.8 V VIH Control input logic high Ta = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 500 mA 2 10 µF |
同様の部品番号 - LF33CPT-TR |
|
同様の説明 - LF33CPT-TR |