データシートサーチシステム |
|
SN74AHC125D データシート(PDF) 5 Page - Texas Instruments |
|
|
SN74AHC125D データシート(HTML) 5 Page - Texas Instruments |
5 / 21 page SN54AHC125, SN74AHC125 QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS SCLS256J – DECEMBER 1995 – REVISED JULY 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHC125 UNIT PARAMETER MIN MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.8 V VOL(V) Quiet output, minimum dynamic VOL –0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.4 V VIH(D) High-level dynamic input voltage 3.5 V VIL(D) Low-level dynamic input voltage 1.5 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 14 pF |
同様の部品番号 - SN74AHC125D |
|
同様の説明 - SN74AHC125D |