データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9983AKCPZ-1701 データシート(PDF) 5 Page - Analog Devices

部品番号 AD9983AKCPZ-1701
部品情報  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9983AKCPZ-1701 データシート(HTML) 5 Page - Analog Devices

  AD9983AKCPZ-1701 Datasheet HTML 1Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 2Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 3Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 4Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 5Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 6Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 7Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 8Page - Analog Devices AD9983AKCPZ-1701 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 5 of 44
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VD
1.98 V
VDD
3.6 V
PVD
1.98 V
DAVDD
1.98 V
Analog Inputs
VD to 0.0 V
REFHI
VD to 0.0 V
REFLO
VD to 0.0 V
Digital Inputs
5 V to 0.0 V
Digital Output Current
20 mA
Operating Temperature
−25°C to + 85°C
Storage Temperature
−65°C to + 150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at
specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design and
characterization testing.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
80-lead LQFP
35
16
°C/W
64-lead LFCSP
35
16
°C/W
ESD CAUTION


同様の部品番号 - AD9983AKCPZ-1701

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9983A AD-AD9983A Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
More results

同様の説明 - AD9983AKCPZ-1701

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com