データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT18646PM データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT18646PM
部品情報  WITH 18-BIT TRANSCEIVER AND REGISTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18646PM データシート(HTML) 7 Page - Texas Instruments

Back Button SN74ABT18646PM Datasheet HTML 3Page - Texas Instruments SN74ABT18646PM Datasheet HTML 4Page - Texas Instruments SN74ABT18646PM Datasheet HTML 5Page - Texas Instruments SN74ABT18646PM Datasheet HTML 6Page - Texas Instruments SN74ABT18646PM Datasheet HTML 7Page - Texas Instruments SN74ABT18646PM Datasheet HTML 8Page - Texas Instruments SN74ABT18646PM Datasheet HTML 9Page - Texas Instruments SN74ABT18646PM Datasheet HTML 10Page - Texas Instruments SN74ABT18646PM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74ABT18646
SCAN TEST DEVICE
WITH 18-BIT TRANSCEIVER AND REGISTER
SCBS131A – AUGUST 1992 – REVISED JANUARY 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V,
IOH = –3 mA
2.5
V
VOH
VCC = 4.5 V,
IOH = –32 mA
2
V
VOL
VCC = 4.5 V,
IOL = 64 mA
0.55
V
II
VCC =5 5V
VI =VCC or GND
CLK, DIR, OE, S, TCK
±1
µA
II
VCC = 5.5 V,
VI = VCC or GND
A or B ports
±100
µA
IIH
VCC = 5.5 V,
VI = VCC,
TDI, TMS
10
µA
IIL
VCC = 5.5 V,
VI = GND,
TDI, TMS
–150
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–50
µA
Ioff
VCC = 0,
VI or VO ≤ 5.5 V
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V,
Outputs high
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–200
mA
VCC = 5.5 V,
Outputs high
5.5
ICC
VCC 5.5 V,
IO = 0,
A or B ports
Outputs low
38¶
mA
VI = VCC or GND
Outputs disabled
5
∆ICC#
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2
mA
Ci
VI = 2.5 V or 0.5 V,
Control inputs
3
pF
Cio
VO = 2.5 V or 0.5 V,
A or B ports
10
pF
Co
VO = 2.5 V or 0.5 V,
TDO
8
pF
NOTE 4: Preliminary specifications based on SPICE analysis
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ If both A and B ports are low, ICCL is 76 mA.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (normal mode) (see Note 4 and Figure 2)
MIN
MAX
UNIT
fclock
Clock frequency
CLKAB or CLKBA
100
MHz
tw
Pulse duration
CLKAB or CLKBA high or low
4
ns
tsu
Setup time
A before CLKAB
↑ or B before CLKBA↑
4.5
ns
th
Hold time
A after CLKAB
↑ or B after CLKBA↑
0
ns
NOTE 4: Preliminary specifications based on SPICE analysis


同様の部品番号 - SN74ABT18646PM

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT18640 TI-SN74ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18640DGG TI-SN74ABT18640DGG Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18640DL TI-SN74ABT18640DL Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT18646PM

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVCH16646A TI1-SN74LVCH16646A_08 Datasheet
369Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com