データシートサーチシステム |
|
SN74AHC4066DE4 データシート(PDF) 4 Page - Texas Instruments |
|
SN74AHC4066DE4 データシート(HTML) 4 Page - Texas Instruments |
4 / 23 page SN74AHC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS511 – JUNE 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT r On-state IT = –1 mA, VI = VCC or GND, 2.3 V 38 180 225 ron On-state switch resistance T VI = VCC or GND, VC = VIH 3 V 29 150 190 Ω on switch resistance VC = VIH (see Figure 1) 4.5 V 21 75 100 r Peak IT = –1 mA, 2.3 V 143 500 600 ron(p) Peak on-state resistance IT = –1 mA, VI = VCC to GND, V = V 3 V 57 180 225 Ω on(p) on-state resistance ICC VC = VIH 4.5 V 31 100 125 r Difference in IT = –1 mA, 2.3 V 6 30 40 ∆ron Difference in on-state resistance between switches IT = –1 mA, VI = VCC to GND, V = V 3 V 3 20 30 Ω on between switches ICC VC = VIH 4.5 V 2 15 20 II Control input current VI = 5.5 V or GND 0 to 5.5 V ±0.1 ±1 µA IS(off) Off-state switch leakage current VI = VCC and VO = GND, or VI = GND and VO = VCC, VC = VIL (see Figure 2) 5.5 V ±0.1 ±1 µA IS(on) On-state switch leakage current VI = VCC or GND, VC = VIH (see Figure 3) 5.5 V ±0.1 ±1 µA ICC Supply current VI = VCC or GND 5.5 V 20 µA Cic Control input capacitance 1.5 pF Cio Switch input/output capacitance 5.5 pF CF Feed-through capacitance 0.5 pF |
同様の部品番号 - SN74AHC4066DE4 |
|
同様の説明 - SN74AHC4066DE4 |