データシートサーチシステム |
|
SN74AHC4066NE4 データシート(PDF) 6 Page - Texas Instruments |
|
SN74AHC4066NE4 データシート(HTML) 6 Page - Texas Instruments |
6 / 23 page SN74AHC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS511 – JUNE 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) PARAMETER FROM TO TEST TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX MIN MAX UNIT tPLH tPHL Propagation delay time A or B B or A CL = 15 pF, (see Figure 4) 0.3 4 7 ns tPZH tPZL Switch turn-on time C A or B CL = 15 pF, RL = 1 kΩ (see Figure 5) 1.6 7 10 ns tPLZ tPHZ Switch turn-off time C A or B CL = 15 pF, RL = 1 kΩ (see Figure 5) 3.2 7 10 ns tPLH tPHL Propagation delay time A or B B or A CL = 50 pF, (see Figure 4) 0.6 6 8 ns tPZH tPZL Switch turn-on time C A or B CL = 50 pF, RL = 1 kΩ (see Figure 5) 2.1 12 16 ns tPLZ tPHZ Switch turn-off time C A or B CL = 50 pF, RL = 1 kΩ (see Figure 5) 5.1 12 16 ns analog switch characteristics over operating free-air temperature range (unless otherwise noted) PARAMETER FROM TO (OUTPUT TEST VCC TA = 25°C UNIT PARAMETER FROM (INPUT) (OUTPUT ) TEST CONDITIONS VCC MIN TYP MAX UNIT Frequency response A or B B or A CL = 50 pF, RL = 600 Ω, 2.3 V 30 MHz Frequency response (switch on) A or B B or A CL = 50 pF, RL = 600 Ω, fin = 1 MHz (sine wave) 20log (V /V ) = –3 dB (see Figure 6) 3 V 35 MHz (switch on) in 20log10(VO/VI) = –3 dB (see Figure 6) 4.5 V 50 Crosstalk A or B B or A CL = 50 pF, RL = 600 Ω, 2.3 V –45 dB Crosstalk (between any switches) A or B B or A CL = 50 pF, RL = 600 Ω, fin = 1 MHz (sine wave) (see Figure 7) 3 V –45 dB (between any switches) fin = 1 MHz (sine wave) (see Figure 7) 4.5 V –45 Crosstalk C A or B CL = 50 pF, RL = 600 Ω, 2.3 V 15 mV Crosstalk (control input to signal output) C A or B CL = 50 pF, RL = 600 Ω, fin = 1 MHz (square wave) (see Figure 8) 3 V 20 mV signal output) fin = 1 MHz (square wave) (see Figure 8) 4.5 V 50 Feed-through attenuation A or B B or A CL = 50 pF, RL = 600 Ω, fin = 1 MHz 2.3 V –40 dB Feed-through attenuation (switch off) A or B B or A CL = 50 pF, RL = 600 Ω, fin = 1 MHz (see Figure 9) 3 V –40 dB (switch off) (see Figure 9) 4.5 V –40 Sine-wave distortion A or B B or A CL= 50 pF, RL = 10 kΩ, VI = 2 Vp-p 2.3 V 0.1 % Sine-wave distortion A or B B or A CL= 50 pF, RL = 10 kΩ, fin = 1 kHz (sine wave) (see Figure 10) VI = 2.5 Vp-p 3 V 0.1 % (see Figure 10) VI = 4 Vp-p 4.5 V 0.1 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz 4.5 pF |
同様の部品番号 - SN74AHC4066NE4 |
|
同様の説明 - SN74AHC4066NE4 |