データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3007D1PWRG4 データシート(PDF) 11 Page - Texas Instruments

部品番号 TPA3007D1PWRG4
部品情報  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1PWRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA3007D1PWRG4 Datasheet HTML 7Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 8Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 9Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 10Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 11Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 12Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 13Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 14Page - Texas Instruments TPA3007D1PWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
0 V
–12 V
+12 V
Current
OUTP
Differential Voltage
Across Load
OUTN
TPA3007D1 MODULATION SCHEME
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
APPLICATION INFORMATION (continued)
Figure 14. Traditional Class-D Modulation Scheme's Output Voltage and Current Waveforms Into an
Inductive Load With No Input
The TPA3007D1 uses a modulation scheme that still has each output switching from ground to VCC. However,
OUTP and OUTN are now in phase with each other with no input. The duty cycle of OUTP is greater than 50%
and OUTN is less than 50% for positive output voltages. The duty cycle of OUTP is less than 50% and OUTN is
greater than 50% for negative output voltages. The voltage across the load is 0 V throughout most of the
switching period, greatly reducing the switching current, which reduces any I
2R losses in the load. (See
Figure 15).
11


同様の部品番号 - TPA3007D1PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3007D1PWRG4 TI-TPA3007D1PWRG4 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWRG4 TI1-TPA3007D1PWRG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3007D1PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com