データシートサーチシステム |
|
TPA4411RTJT データシート(PDF) 11 Page - Texas Instruments |
|
|
TPA4411RTJT データシート(HTML) 11 Page - Texas Instruments |
11 / 33 page www.ti.com 0 10 20 30 40 50 60 0 5 10 15 20 25 30 35 40 PO − Output Power − mW In Phase 180 ° Out of Phase VDD = 1.8 V, RL = 32 Ω −100 −90 −80 −70 −60 −50 −40 −30 −20 −10 0 10 100 1 k 10 k 100 k 1.8 V 3 V 4.5 V RL = 32 Ω f − Frequency − Hz 3.6 V 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 PO − Output Power − mW In Phase 180 ° Out of Phase VDD = 1.8 V, RL = 16 Ω 0 50 100 150 200 250 300 0 50 100 150 200 PO − Output Power − mW In Phase 180 ° Out of Phase VDD = 3 V, RL = 16 Ω PO − Output Power − mW 0 50 100 150 200 250 300 350 400 0 50 100 150 200 250 300 In Phase 180 ° Out of Phase VDD = 3.6 V, RL = 16 Ω 0 20 40 60 80 100 120 140 160 0 50 100 150 200 PO − Output Power − mW In Phase VDD = 3 V, RL = 32 Ω 180 ° Out of Phase PO − Output Power − mW 0 50 100 150 200 250 300 350 0 50 100 150 200 250 300 In Phase 180 ° Out of Phase VDD = 4.5 V, RL = 32 Ω 0 50 100 150 200 250 0 50 100 150 200 250 300 350 PO − Output Power − mW In Phase 180 ° Out of Phase VDD = 3.6 V, RL = 32 Ω 0 100 200 300 400 500 600 0 50 100 150 200 250 PO − Output Power − mW In Phase 180 ° Out of Phase VDD = 4.5 V, RL = 16 Ω TPA4411 TPA4411M SLOS430C – AUGUST 2004 – REVISED DECEMBER 2006 SUPPLY VOLTAGE REJECTION RATIO POWER DISSIPATION POWER DISSIPATION vs vs vs FREQUENCY OUTPUT POWER OUTPUT POWER Figure 34. Figure 35. Figure 36. POWER DISSIPATION POWER DISSIPATION POWER DISSIPATION vs vs vs OUTPUT POWER OUTPUT POWER OUTPUT POWER Figure 37. Figure 38. Figure 39. POWER DISSIPATION POWER DISSIPATION POWER DISSIPATION vs vs vs OUTPUT POWER OUTPUT POWER OUTPUT POWER Figure 40. Figure 41. Figure 42. 11 |
同様の部品番号 - TPA4411RTJT |
|
同様の説明 - TPA4411RTJT |