データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN324CGFX データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FIN324CGFX
部品情報  24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CGFX データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN324CGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 11Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 12Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 13Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 14Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.0.5
11
Application Diagrams (Continued)
VDDP1
A4
B4
D4:G6
C4
C3
A3
B3
A2 NC
B2
NC
A1
D3
F3
G3
G2
B1
Notes:
1.
Dual display R/W Intel® interface.
2.
3.
4.
5.
Assumes BGA die on display.
GPIO signal used to select READ or WRITE functionality. Connected to CKSEL and R/W.
Displays selected via the chip selects.
Pin numbers for BGA package.
.
/RE
/WE
GPIO
/STBY
/RES
CKSEL0
CKSEL1
Main Display
/RE
/WE
DATA[17:0]
ADDR
/CS1
Sub-Display
/RE
/WE
DATA[7:0]
ADDR
/CS0
Edge Rate Control Option
SLEW must be connected
to VDDS or GND for low
power.
VDDP VDDS/A
STRB0
STRB1
CNTL[5]
R/W
M/S
PAR/SPI
/STBY
/RES
CKSEL
DATA[17:0]
DP[17:0]
CNTL[0]
CNTL[1]
ADDR
/CS0
/CS1
CNTL[3]
CNTL[2]
CNTL[4]
VDDP VDDS/A
WCLK0
WCLK1
DP[17:0]
CNTL[0]
CNTL[1]
CNTL[2]
CNTL[3]
CNTL[4]
CNTL[5]
R/W
M/S
PAR/SPI
SLEW
/RES
H
VDDP1
VDDS/A
VDDP2
VDDS/A
CKS+
CKS-
DS+
DS-
CKS+
CKS-
DS+
DS-
D1
E1
G1
F1
G1
F1
D1
E1
A4
B4
D4:G6
C4
C3
A3
B3
A2
B2
A1
D3
F3
G3
G2
B1
E3
D2
C1
E3
D2
C1
C2
E2
F2
C2
E2
F2
Module 1
VDDP2
Baseband
Processor
Figure 10.
Dual R/W x86-Style Microcontroller Display Interface
Additional Application Information
Flex Cabling:
The serial I/O information is transmitted at a high serial rate. Care must be taken implementing this
serial I/O flex cable. The following best practices should be used when developing the flex cabling or Flex PCB.
Keep all four differential Serial Wires the same length.
Do not allow noisy signals over or near differential serial wires.
Example: No LVCMOS traces over differential serial wires.
Use only one ground plane or wire over the differential serial wires. Do not run ground over top and bottom.
Design goal of 100-ohms differential characteristic impedance.
Do not place test points on differential serial wires.
Use differential serial wires a minimum of 2cm away from the antenna.
For additional applications notes or flex guidelines see your sales rep or contact Fairchild directly.


同様の部品番号 - FIN324CGFX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results

同様の説明 - FIN324CGFX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com