データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM211 データシート(PDF) 5 Page - ON Semiconductor

部品番号 LM211
部品情報  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211 データシート(HTML) 5 Page - ON Semiconductor

  LM211 Datasheet HTML 1Page - ON Semiconductor LM211 Datasheet HTML 2Page - ON Semiconductor LM211 Datasheet HTML 3Page - ON Semiconductor LM211 Datasheet HTML 4Page - ON Semiconductor LM211 Datasheet HTML 5Page - ON Semiconductor LM211 Datasheet HTML 6Page - ON Semiconductor LM211 Datasheet HTML 7Page - ON Semiconductor LM211 Datasheet HTML 8Page - ON Semiconductor LM211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM211, LM311
http://onsemi.com
5
Figure 9. Response Time for
Various Input Overdrives
Figure 10. Response Time for
Various Input Overdrives
Figure 11. Output Short Circuit Current
Characteristics and Power Dissipation
Figure 12. Output Saturation Voltage
versus Output Current
tTLH, RESPONSE TIME (ms)
tTHL, RESPONSE TIME (ms)
VO, OUTPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
15
10
5.0
0
−5.0
−10
−15
0
−50
−100
0
1.0
2.0
0
1.0
2.0
15
10
5.0
0
−5.0
−10
−15
0
50
100
150
125
100
75
50
25
0
0
5.0
10
15
0.90
0.75
0.60
0.45
0.30
0.15
0
0.90
0.75
0.60
0.45
0.30
0.15
0
0
8.0
16
24
32
40
48
56
TA = +25°C
TA = −55°C
TA = +25°C
TA = +125°C
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
20 mV
5.0 mV
2.0 mV
Vin
VCC
VO
2.0k
VEE
*
)
Power Dissipation
Short Circuit Current
VCC = +15 V
VEE = −15 V
TA = +25°C
VCC = +15 V
VEE = −15 V
TA = +25°C
Figure 13. Output Leakage Current
versus Temperature
Figure 14. Power Supply Current
versus Supply Voltage
TA, TEMPERATURE (°C)
VCC−VEE, POWER SUPPLY VOLTAGE (V)
100
10
1.0
0.1
0.01
25
45
65
85
105
125
3.6
3.0
2.4
1.8
1.2
0.6
0
0
5.0
10
15
20
25
30
VCC = +15 V
VEE = −15 V
TA = +25°C
Output VO = +50 V (LM211 only)
Positive Supply − Output Low
Positive and Negative Power Supply − Output H igh


同様の部品番号 - LM211

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM211 PHILIPS-LM211 Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
Seoul Semiconductor
LM211 SEOUL-LM211 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
logo
STMicroelectronics
LM211 STMICROELECTRONICS-LM211 Datasheet
236Kb / 14P
   Voltage comparator with strobe
logo
Texas Instruments
LM211 TI-LM211 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
logo
NXP Semiconductors
LM211 PHILIPS-LM211 Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
More results

同様の説明 - LM211

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com