データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317MBDT データシート(PDF) 6 Page - ON Semiconductor

部品番号 LM317MBDT
部品情報  500 mA Adjustable Output, Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MBDT データシート(HTML) 6 Page - ON Semiconductor

Back Button LM317MBDT Datasheet HTML 2Page - ON Semiconductor LM317MBDT Datasheet HTML 3Page - ON Semiconductor LM317MBDT Datasheet HTML 4Page - ON Semiconductor LM317MBDT Datasheet HTML 5Page - ON Semiconductor LM317MBDT Datasheet HTML 6Page - ON Semiconductor LM317MBDT Datasheet HTML 7Page - ON Semiconductor LM317MBDT Datasheet HTML 8Page - ON Semiconductor LM317MBDT Datasheet HTML 9Page - ON Semiconductor LM317MBDT Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LM317M
http://onsemi.com
6
Figure 7. Load Regulation
Figure 8. Ripple Rejection
Figure 9. Current Limit
Figure 10. Dropout Voltage
Figure 11. Minimum Operating Current
Figure 12. Ripple Rejection versus Frequency
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Vin = 45 V
Vout = 5.0 V
IL = 5.0 mA to 40 mA
Vin = 10 V
Vout = 5.0 V
IL = 5.0 mA to 100 mA
80
70
60
50
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
IL = 100 mA
f = 120 Hz
Vout = 10 V
Vin = 14 V to 24 V
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
IL = 500 mA
1.0
0.80
0.60
0.40
0.20
0
0
1020304050
Vin−Vout, INPUT−OUTPUT VOLTAGE DIFFERENTIAL (V)
TJ = 25°C
TJ = 125°C
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
203040
Vin−Vout, INPUT−OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
100
90
80
70
60
50
40
30
20
10
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
IL = 40 mA
Vin = 5.0 V ± 1.0 VPP
Vout = 1.25 V
90
Without CAdj = 10 mF
Without CAdj
IL = 100 mA
TJ = 25°C
TJ = 125°C


同様の部品番号 - LM317MBDT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM317MBDT ONSEMI-LM317MBDT Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MBDT ONSEMI-LM317MBDT Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317MBDTG ONSEMI-LM317MBDTG Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317MBDTRK ONSEMI-LM317MBDTRK Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MBDTRK ONSEMI-LM317MBDTRK Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
More results

同様の説明 - LM317MBDT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com