データシートサーチシステム |
|
BC546 データシート(PDF) 3 Page - ON Semiconductor |
|
BC546 データシート(HTML) 3 Page - ON Semiconductor |
3 / 6 page BC546B, BC547A, B, C, BC548B, C http://onsemi.com 3 BC547/BC548 Figure 1. Normalized DC Current Gain IC, COLLECTOR CURRENT (mAdc) 2.0 Figure 2. “Saturation” and “On” Voltages IC, COLLECTOR CURRENT (mAdc) 0.2 0.5 1.0 10 20 50 0.2 100 Figure 3. Collector Saturation Region IB, BASE CURRENT (mA) Figure 4. Base−Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) 2.0 5.0 200 0.6 0.7 0.8 0.9 1.0 0.5 0 0.2 0.4 0.1 0.3 1.6 1.2 2.0 2.8 2.4 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 1.5 1.0 0.8 0.6 0.4 0.3 0.2 0.5 1.0 10 20 50 2.0 100 70 30 7.0 5.0 3.0 0.7 0.3 0.1 0.2 1.0 10 100 TA = 25°C VBE(sat) @ IC/IB = 10 VCE(sat) @ IC/IB = 10 VBE(on) @ VCE = 10 V VCE = 10 V TA = 25°C −55°C to +125°C TA = 25°C IC = 50 mA IC = 100 mA IC = 200 mA IC = 20 mA IC = 10 mA 1.0 Figure 5. Capacitances VR, REVERSE VOLTAGE (VOLTS) 10 Figure 6. Current−Gain − Bandwidth Product IC, COLLECTOR CURRENT (mAdc) 0.4 0.6 1.0 10 20 1.0 2.0 6.0 40 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 0.7 1.0 10 20 2.0 50 30 7.0 5.0 3.0 0.5 VCE = 10 V TA = 25°C 0.8 4.0 8.0 TA = 25°C Cob Cib |
同様の部品番号 - BC546_05 |
|
同様の説明 - BC546_05 |