データシートサーチシステム |
|
BC546 データシート(PDF) 4 Page - ON Semiconductor |
|
BC546 データシート(HTML) 4 Page - ON Semiconductor |
4 / 6 page BC546B, BC547A, B, C, BC548B, C http://onsemi.com 4 BC546 Figure 7. DC Current Gain IC, COLLECTOR CURRENT (mA) Figure 8. “On” Voltage IC, COLLECTOR CURRENT (mA) 0.8 1.0 0.6 0.2 0.4 1.0 2.0 0.1 1.0 10 100 0.2 0.2 0.5 0.2 1.0 10 200 TA = 25°C VBE(sat) @ IC/IB = 10 VCE(sat) @ IC/IB = 10 VBE @ VCE = 5.0 V Figure 9. Collector Saturation Region IB, BASE CURRENT (mA) Figure 10. Base−Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) −1.0 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 0.2 2.0 10 200 1.0 TA = 25°C 200 mA 50 mA IC = 10 mA VCE = 5 V TA = 25°C 0 0.5 2.0 5.0 20 50 100 0.05 0.2 0.5 2.0 5.0 100 mA 20 mA −1.4 −1.8 −2.2 −2.6 −3.0 0.5 5.0 20 50 100 −55°C to 125°C qVB for VBE Figure 11. Capacitance VR, REVERSE VOLTAGE (VOLTS) 40 Figure 12. Current−Gain − Bandwidth Product IC, COLLECTOR CURRENT (mA) 0.1 0.2 1.0 50 2.0 2.0 10 100 100 200 500 50 20 20 10 6.0 4.0 1.0 10 50 100 5.0 VCE = 5 V TA = 25°C 0.5 5.0 20 TA = 25°C Cob Cib |
同様の部品番号 - BC546_05 |
|
同様の説明 - BC546_05 |