データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT162823ADGGR データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74ABT162823ADGGR
部品情報  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT162823ADGGR データシート(HTML) 5 Page - Texas Instruments

  SN74ABT162823ADGGR Datasheet HTML 1Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 2Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 3Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 4Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 5Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 6Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 7Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 8Page - Texas Instruments SN74ABT162823ADGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54ABT162823A, SN74ABT162823A
18BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SCBS666B − JULY 1996 − REVISED JUNE 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT162823A
SN74ABT162823A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
150
MHz
tw
Pulse duration
CLR low
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
CLR inactive
1.6
2
1.6
tsu
Setup time before CLK
Data
2
2
2
ns
tsu
Setup time before CLK
CLKEN low
2.8
2.8
2.8
ns
th
Hold time after CLK
Data
1.2
1.2
1.2
ns
th
Hold time after CLK
CLKEN low
0.6
0.6
0.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT162823A
SN74ABT162823A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
150
MHz
tPLH
CLK
Q
2.3
4.6
6.2
2.3
8.4
2.3
7.5
ns
tPHL
CLK
Q
2.8
4.6
6.1
2.8
7.1
2.8
6.7
ns
tPHL
CLR
Q
2.8
5
6.3
2.8
7.2
2.8
7
ns
tPZH
OE
Q
1.7
3.8
5
1.7
5.8
1.7
5.9
ns
tPZL
OE
Q
3
5
6.1
3
7.2
3
7
ns
tPHZ
OE
Q
2.6
4.8
6.1
2.6
7.3
2.6
6.6
ns
tPLZ
OE
Q
1.9
4.6
6.7
1.9
10.2
1.9
9
ns
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


同様の部品番号 - SN74ABT162823ADGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT162823ADGGR TI1-SN74ABT162823ADGGR Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT162823ADGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
54ACT16823 TI-54ACT16823_08 Datasheet
344Kb / 12P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com