データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33065DW-L データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC33065DW-L
部品情報  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW-L データシート(HTML) 10 Page - ON Semiconductor

Back Button MC33065DW-L Datasheet HTML 6Page - ON Semiconductor MC33065DW-L Datasheet HTML 7Page - ON Semiconductor MC33065DW-L Datasheet HTML 8Page - ON Semiconductor MC33065DW-L Datasheet HTML 9Page - ON Semiconductor MC33065DW-L Datasheet HTML 10Page - ON Semiconductor MC33065DW-L Datasheet HTML 11Page - ON Semiconductor MC33065DW-L Datasheet HTML 12Page - ON Semiconductor MC33065DW-L Datasheet HTML 13Page - ON Semiconductor MC33065DW-L Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MC34065−H, L
http://onsemi.com
10
Figure 15. Representative Block Diagram
+
+
+
+
+
+
+
12
13
14
5
4
2
3
1
15
7
6
10
11
Vref
Sync
Input
RT
CT
Voltage Feedback 1
Compensation
1
Enable
Input
Voltage Feedback 2
Compensation
2
Vin =15V
VCC
16
Q2
RS
Current Sense 2
Drive Output 2
Current Sense 1
Drive Output 1
RS
Q1
10
10
10
10
Gnd
8
Drive Gnd
9
=
Sink Only
Positive True Logic
1.0V
R
S
Q
R
R
PWM
Latch 2
S
R
Q
Current Sense
Comparator 2
2R
Error
Amp 2
Error
Amp 1
Vref
250
μA
1.0mA
1.0V
R
1.0mA
Oscillator
3.6V
+
20k
Internal
Bias
Reference
Regulator
R
R
2.5V
PWM
Latch 1
VCC
UVLO
+
Current Sense
Comparator 1
Vref
UVLO
2R


同様の部品番号 - MC33065DW-L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
More results

同様の説明 - MC33065DW-L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com