データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100E104 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100E104
部品情報  5V ECL Quint 2-Input AND/NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E104 データシート(HTML) 5 Page - ON Semiconductor

  MC100E104 Datasheet HTML 1Page - ON Semiconductor MC100E104 Datasheet HTML 2Page - ON Semiconductor MC100E104 Datasheet HTML 3Page - ON Semiconductor MC100E104 Datasheet HTML 4Page - ON Semiconductor MC100E104 Datasheet HTML 5Page - ON Semiconductor MC100E104 Datasheet HTML 6Page - ON Semiconductor MC100E104 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC10E104, MC100E104
http://onsemi.com
5
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10E104FN
PLCC−28
37 Units / Rail
MC10E104FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10E104FNR2
PLCC−28
500 / Tape & Reel
MC10E104FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
MC100E104FN
PLCC−28
37 Units / Rail
MC100E104FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC100E104FNR2
PLCC−28
500 / Tape & Reel
MC100E104FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPS
t I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1642/D
− The ECL Translator Guide
AND8001/D
− Odd Number Counters Design
AND8002/D
− Marking and Date Codes
AND8020/D
− Termination of ECL Logic Devices
AND8066/D
− Interfacing with ECLinPS
AND8090/D
− AC Characteristics of ECL Devices


同様の部品番号 - MC100E104

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100E104 ONSEMI-MC100E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
MC100E104FNR2G ONSEMI-MC100E104FNR2G Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results

同様の説明 - MC100E104

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com