データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100E116 データシート(PDF) 9 Page - ON Semiconductor

部品番号 MC100E116
部品情報  5V ECL Quint Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E116 データシート(HTML) 9 Page - ON Semiconductor

  MC100E116 Datasheet HTML 1Page - ON Semiconductor MC100E116 Datasheet HTML 2Page - ON Semiconductor MC100E116 Datasheet HTML 3Page - ON Semiconductor MC100E116 Datasheet HTML 4Page - ON Semiconductor MC100E116 Datasheet HTML 5Page - ON Semiconductor MC100E116 Datasheet HTML 6Page - ON Semiconductor MC100E116 Datasheet HTML 7Page - ON Semiconductor MC100E116 Datasheet HTML 8Page - ON Semiconductor MC100E116 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC10E116, MC100E116
http://onsemi.com
9
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10E116/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - MC100E116

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100E116 ONSEMI-MC100E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
MC100E116FNG ONSEMI-MC100E116FNG Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC100E116FNG ONSEMI-MC100E116FNG Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC100E116FNR2G ONSEMI-MC100E116FNR2G Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC100E116FNR2G ONSEMI-MC100E116FNR2G Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
More results

同様の説明 - MC100E116

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416_06 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E116 ONSEMI-MC10E116_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E136 ONSEMI-MC10E136_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com