データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E157FNR2 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10E157FNR2
部品情報  5 V ECL Quad 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E157FNR2 データシート(HTML) 1 Page - ON Semiconductor

  MC10E157FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 7Page - ON Semiconductor MC10E157FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 9
1
Publication Order Number:
MC10E157/D
MC10E157, MC100E157
5 VECL Quad 2:1
Multiplexer
Description
The MC10E/100E157 contains four 2:1 multiplexers with
differential outputs. The output data are controlled by the individual
Select (SEL) inputs. The individual select control makes the devices
well suited for random logic designs.
The 100 Series contains temperature compensation.
Features
Individual Select Controls
550 ps Max. D to Output
800 ps Max. SEL to Output
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC= 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 200 V
Charged Device Model; > 2 kV
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level:
Pb = 1
Pb−Free = 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Transistor Count = 137 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE157FNG
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC10E157FNR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10E157FNR2 MOTOROLA-MC10E157FNR2 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
More results

同様の説明 - MC10E157FNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC100LVEL58 ONSEMI-MC100LVEL58_16 Datasheet
150Kb / 6P
   3.3V ECL 2:1 Multiplexer
July, 2016 ??Rev. 7
MC10EL58 ONSEMI-MC10EL58_16 Datasheet
153Kb / 8P
   5.0V ECL 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10EL58 ONSEMI-MC10EL58_06 Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com