データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ15012G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MJ15012G
部品情報  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15012G データシート(HTML) 1 Page - ON Semiconductor

  MJ15012G Datasheet HTML 1Page - ON Semiconductor MJ15012G Datasheet HTML 2Page - ON Semiconductor MJ15012G Datasheet HTML 3Page - ON Semiconductor MJ15012G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 3
1
Publication Order Number:
MJ15011/D
MJ15011(NPN),
MJ15012(PNP)
Preferred Devices
Complementary Silicon
Power Transistors
The MJ15011 and MJ15012 are PowerBase power transistors
designed for high−power audio, disk head positioners, and other linear
applications. These devices can also be used in power switching
circuits such as relay or solenoid drivers, dc−to−dc converters or
inverters.
High Safe Operating Area (100% Tested)
1.2 A @ 100 V
Completely Characterized for Linear Operation
High DC Current Gain and Low Saturation Voltage
hFE = 20 (Min) @ 2 A, 2 V
VCE(sat) = 2.5 V (Max) @ IC = 4 A, IB = 0.4 A
For Low Distortion Complementary Designs
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Emitter Voltage
VCEX
250
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current − Continuous
− Peak (Note 1)
IC
ICM
10
15
Adc
Base Current − Continuous
− Peak (Note 1)
IB
IBM
2
5
Adc
Emitter Current − Continuous
− Peak (Note 1)
IE
IEM
12
20
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
200
1.14
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to
+ 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.875
_C/W
Maximum Lead Temperature for
Soldering Purposes
TL
265
_C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
10 AMPERE
COMPLEMENTARY
POWER TRANSISTORS
250 VOLTS
200 WATTS
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MJ15011
TO−204AA
100 Units/Tray
TO−204AA
MJ15012
TO−204AA
(Pb−Free)
MJ15012G
MJ15011G
TO−204AA
(Pb−Free)
100 Units/Tray
100 Units/Tray
100 Units/Tray
MARKING DIAGRAM
MJ1501x = Device Code
x = 1 or 2
G
= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
MJ1501xG
AYYWW
MEX
TO−204AA (TO−3)
CASE 1−07
STYLE 1


同様の部品番号 - MJ15012G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ15012 MOTOROLA-MJ15012 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
Inchange Semiconductor ...
MJ15012 ISC-MJ15012 Datasheet
78Kb / 2P
   Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
MJ15012 NJSEMI-MJ15012 Datasheet
111Kb / 3P
   Complementary Silicon Power Transistors
More results

同様の説明 - MJ15012G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com