データシートサーチシステム |
|
MC10EP05DTR2 データシート(PDF) 2 Page - ON Semiconductor |
|
MC10EP05DTR2 データシート(HTML) 2 Page - ON Semiconductor |
2 / 11 page MC10EP05, MC100EP05 http://onsemi.com 2 Figure 1. 8−Lead Pinout (Top View) and Logic Diagram 1 2 3 45 6 7 8 Q VEE VCC D0 Q D1 D1 D0 Table 1. PIN DESCRIPTION Pin Function D0*, D1*, D0**, D1** ECL Data Inputs Q, Q ECL Data Outputs VCC Positive Supply VEE Negative Supply * Pins will default LOW when left open. ** Pins will default to VCC/2when left open. Table 2. TRUTH TABLE D0 D1 D0 D1 Q Q L L H H L H L H H H L L H L H L L L L H H H H L Table 3. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor 75 k W Internal Input Pullup Resistor 37.5 k W ESD Protection Human Body Model Machine Model Charged Device Model > 4 kV > 200 V > 2 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb Pkg Pb−Free Pkg SOIC−8 TSSOP−8 DFN8 Level 1 Level 1 Level 1 Level 1 Level 3 Level 1 Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in Transistor Count 137 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. |
同様の部品番号 - MC10EP05DTR2 |
|
同様の説明 - MC10EP05DTR2 |